Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 43 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 43 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 39Page - Intel Corporation 82801BA Datasheet HTML 40Page - Intel Corporation 82801BA Datasheet HTML 41Page - Intel Corporation 82801BA Datasheet HTML 42Page - Intel Corporation 82801BA Datasheet HTML 43Page - Intel Corporation 82801BA Datasheet HTML 44Page - Intel Corporation 82801BA Datasheet HTML 45Page - Intel Corporation 82801BA Datasheet HTML 46Page - Intel Corporation 82801BA Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
2-7
Signal Description
2.9
USB Interface
2.10
Power Management Interface
Table 2-9. USB Interface Signals
Name
Type
Description
USBP0P,
USBP0N,
USBP1P,
USBP1N
I/O
Universal Serial Bus Port 1:0 Differential: These differential pairs are used to
transmit Data/Address/Command signals for ports 0 and 1 (USB Controller 1).
USBP2P,
USBP2N,
USBP3P,
USBP3N
I/O
Universal Serial Bus Port 3:2 Differential: These differential pairs are used to
transmit Data/Address/Command signals for ports 2 and 3
(USB Controller 2).
OC[3:0]#
I
Overcurrent Indicators: These signals set corresponding bits in the USB
controllers to indicate that an overcurrent condition has occurred.
Table 2-10. Power Management Interface Signals
Name
Type
Description
THRM#
I
Thermal Alarm: THRM# is an active low signal generated by external hardware to
start the hardware clock throttling mode. This signal can also generate an SMI# or
an SCI.
SLP_S1#
(ICH2-M only)
O
S1 Sleep Control: Clock synthesizer or power plane control. This signal connects
to clock synthesizer’s PWRDWN# signal. An optional use is to shut off power to
non-critical systems when in the S1 (Powered On Suspend), S3 (Suspend To
RAM), S4 (Suspend to Disk), or S5 (Soft Off) states.
SLP_S3#
O
S3 Sleep Control: Power plane control. This signal is used to shut off power to all
non-critical systems when in S3 (Suspend To RAM), S4 (Suspend to Disk) or S5
(Soft Off) states.
SLP_S5#
O
S5 Sleep Control: Power plane control. This signal is used to shut power off to all
non-critical systems when in the S4 (Suspend To Disk) or S5 (Soft Off) states.
PWROK
I
Power OK: When asserted, PWROK is an indication to the ICH2 that core power
and PCICLK have been stable for at least 1 ms. PWROK can be driven
asynchronously. When PWROK is negated, the ICH2 asserts PCIRST#.
RSM_PWROK
(ICH2 0nly)
I
Resume Well Power OK: When asserted, this signal is an indication to the ICH2
that the resume well power (VccSus3_3, VccSus1_8) has been stable for at least
10 ms.
LAN_PWROK
(ICH2-M only)
I
LAN Power OK: When asserted, this signal is an indication to the ICH2-M that the
LAN Controller power (VccLAN3_3, VccLAN1_8) has been stable for at least
10 ms.
PWRBTN#
I
Power Button: The Power Button will cause SMI# or SCI to indicate a system
request to go to a sleep state. If the system is already in a sleep state, this signal
will cause a wake event. If PWRBTN# is pressed for more than 4 seconds, this will
cause an unconditional transition (power button override) to the S5 state with only
the PWRBTN# available as a wake event. Override will occur even if the system is
in the S1-S4 states. This signal has an internal pull-up resistor.
RI#
I
Ring Indicate: From the modem interface. This signal can be enabled as a wake
event; this is preserved across power failures.
RSMRST#
I
Resume Well Reset: RSMRST# is used for resetting the resume power plane
logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com