Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 3 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 3 Page - Intel Corporation

  82801BA Datasheet HTML 1Page - Intel Corporation 82801BA Datasheet HTML 2Page - Intel Corporation 82801BA Datasheet HTML 3Page - Intel Corporation 82801BA Datasheet HTML 4Page - Intel Corporation 82801BA Datasheet HTML 5Page - Intel Corporation 82801BA Datasheet HTML 6Page - Intel Corporation 82801BA Datasheet HTML 7Page - Intel Corporation 82801BA Datasheet HTML 8Page - Intel Corporation 82801BA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M
Datasheet
iii
Intel® 82801BA/M ICH2/ICH2-M Features
I PCI Bus I/F
— Supports PCI at 33 MHz
— Supports PCI Rev 2.2 Specification
— 133 MByte/sec maximum throughput
— Supports up to 6 master devices on PCI
— One PCI REQ/GNT pair can be given higher
arbitration priority (intended for external
1394 host controller)
I Integrated LAN Controller
— WfM 2.0 Compliant
— Interface to discrete LAN Connect
component
— 10/100 Mbit/sec Ethernet support
— 1 Mbit/sec HomePNA* support
I Integrated IDE Controller
— Independent timing of up to 4 drives
— Ultra ATA/100/66/33, BMIDE and PIO
modes
— Read transfers up to 100MB/s, Writes to
89 MB/s
— Separate IDE connections for Primary and
Secondary cables
— Implements Write Ping-Pong Buffer for
faster write performance
I USB
— 2 UHCI Host Controllers with a total of
4 ports
—USB 1.1 compliant
— Supports wake-up from sleeping states
S1–S4
— Supports legacy Keyboard/Mouse software
I AC'97 Link for Audio and Telephony CODECs
— AC’97 2.1 compliant
— Independent bus master logic for 5 channels
(PCM In/Out, Mic Input, Modem In/Out)
— Separate independent PCI functions for
Audio and Modem
— Support for up to six channels of PCM audio
output (full AC3 decode)
— Supports wake-up events
I Interrupt Controller
— Support up to 8 PCI interrupt pins
— Supports PCI 2.2 Message-Based Interrupts
— Two cascaded 82C59
— Integrated I/O APIC capability
— 15 interrupts supported in 8259 mode, 24
supported in I/O APIC mode
— Supports Serial Interrupt Protocol
— Supports Front-Side Bus interrupt delivery
I 1.8 V operation with 3.3 V I/O
— 5V tolerant buffers on IDE, PCI, USB Over-
current and Legacy signals
I GPIO
— TTL, Open-Drain, Inversion
I Timers Based on 82C54
— System timer, Refresh request, Speaker tone
output
I Power Management Logic
— ACPI 1.0 compliant
— ACPI Power Management Timer
— PCI PME# support
— SMI# generation
— All registers readable/restorable for proper
resume from 0V suspend states
— Support for APM-based legacy power
management for non-ACPI implementations
I External Glue Integration
— Integrated Pull-up, Pull-down and Series
Termination resistors on IDE and processor
interface
I Enhanced Hub I/F buffers improve routing
flexibility (Not available with all Memory
Controller Hubs)
I Firmware Hub (FWH) I/F supports BIOS
memory size up to 8 MBs
I Low Pin count (LPC) I/F
— Allows connection of legacy ISA and X-Bus
devices such as Super I/O
— Supports two Master/DMA devices.
I Enhanced DMA Controller
— Two cascaded 8237 DMA controllers
— PCI DMA: Supports PC/PCI — Includes
two PC/PCI REQ#/GNT# pairs
— Supports LPC DMA
— Supports DMA Collection Buffer to provide
Type-F DMA performance for all DMA
channels
I Real-Time Clock
— 256-byte battery-backed CMOS RAM
— Hardware implementation to indicate century
rollover
I System TCO Reduction Circuits
— Timers to generate SMI# and Reset upon
detection of system hang
— Timers to detect improper processor reset
— Integrated processor frequency strap logic
I SM Bus
— Host interface allows processor to
communicate via SM Bus
— Slave interface allows an external
Microcontroller to access system resources
— Compatible with most 2-Wire components
that are also I2C compatible
I Supports ISA bus via external PCI-ISA Bridge
I 360-pin EBGA package
— Tri-state modes to enable mobile swap bay
(82801BAM ICH2-M)
— ACPI-defined power states
- C1–C2, S3–S5 (82801BA ICH2)
- C1–C3, S1, S3–S5 (82801BAM ICH2-M)
— Support for “Intel® SpeedStep™
technology” processor power control
(82801BAM ICH2-M)
— PCI CLKRUN# support
(82801BAM ICH2-M)
The Intel® 82801BA ICH2 and 82801BAM ICH2-M may contain design defects or errors known as errata which may cause the
products to deviate from published specifications. Current characterized errata are available on request.
Shading,as is shown here, indicates differences between the two components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com