Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 53 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 53 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 49Page - Intel Corporation 82801BA Datasheet HTML 50Page - Intel Corporation 82801BA Datasheet HTML 51Page - Intel Corporation 82801BA Datasheet HTML 52Page - Intel Corporation 82801BA Datasheet HTML 53Page - Intel Corporation 82801BA Datasheet HTML 54Page - Intel Corporation 82801BA Datasheet HTML 55Page - Intel Corporation 82801BA Datasheet HTML 56Page - Intel Corporation 82801BA Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
3-1
Power Planes and Pin States
Power Planes and Pin States
3
3.1
Power Planes
3.2
Integrated Pull-Ups and Pull-Downs
Table 3-1. ICH2 Power Planes
Plane
Description
Main I/O
(3.3V)
Vcc3_3: Powered by the main power supply (or battery for the ICH2-M). When the
system is in the S3, S4, S5, or G3 state, this plane is assumed to be shut off.
Main Logic
(1.8V)
Vcc1_8: Powered by the main power supply (or battery for the ICH2-M). When the
system is in the S3, S4, S5, or G3 state, this plane is assumed to be shut off.
Resume I/O
(3.3V Standby)
VccSUS3_3: Powered by the main power supply (or battery for the ICH2-M) in S0–S1
states. Powered by the trickle power supply (or battery for the ICH2-M) when the
system is in the S3, S4, S5, state. Assumed to be shut off only when in the G3 state
(system is unplugged for the ICH2 or battery removed for the ICH2-M).
Resume Logic
(1.8V Standby)
VccSUS1_8: Powered by the main power supply (or battery for the ICH2-M) in S0–S1
states. Powered by the trickle power supply (or battery for the ICH2-M) when the
system is in the S3, S4, S5, state. Assumed to be shut off only when in the G3 state
(system is unplugged for the ICH2 or batter removed for the ICH2-M).
Processor Interface
(1.3 ~ 2.5V)
V_CPU_IO: Powered by the main power supply via processor voltage regulator. When
the system is in the S3, S4, S5, or G3 state, this plane is assumed to be shut off.
LAN I/O
(3.3V)
(ICH2-M only)
VccLAN3_3: This is a separate power plane that may or may not be energized in S3 -
S5 states depending upon the presence or absence of AC power and network
connectivity. This plane must be on in the S0 and S1 states.
LAN Logic
(1.8V)
(ICH2-M only)
VccLAN1_8: This is a separate power plane that may or may not be energized in S3 -
S5 states depending upon the presence or absence of AC power and network
connectivity. This plane must be on in the S0 and S1 states.
RTC
VccRTC: When other power is available (from the main supply for the ICH2 or battery
for the ICH2-M), external diode coupling will provide power to reduce the drain on the
RTC battery. Assumed to operate from 3.3V down to 2.0V.
Table 3-2. Integrated Pull-Up and Pull-Down Resistors
Signal
Resistor Type
Nominal Value
Notes
EE_DIN
pull-up
24 K
Ω
1
EE_DOUT
pull-up
24 K
Ω
1
GNT[B:A]# / GNT[5]# / GPIO[17:16]
pull-up
24 K
Ω
1
LAD[3:0]# / FWH[3:0]#
pull-up
24 K
Ω
1
LDRQ[1:0]
pull-up
24 K
Ω
1
PME#
pull-up
24 K
Ω
1
PWRBTN#
pull-up
24 K
Ω
1
SPKR
pull-up
24 K
Ω
1, 5
AC_BITCLK
pull-down
20 K
Ω
2, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com