Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 164 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 164 Page - Intel Corporation

Back Button 6402 Datasheet HTML 160Page - Intel Corporation 6402 Datasheet HTML 161Page - Intel Corporation 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 250 page
background image
Registers
164
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Table 14-6. Function 2: Implementation Specific FBD Registers
00h
80h
04h
84h
08h
88h
0Ch
8Ch
10h
90h
14h
94h
18h
98h
1Ch
9Ch
20h
A0h
24h
A4h
28h
A8h
2Ch
ACh
30h
B0h
34h
B4h
38h
B8h
3Ch
BCh
40h
C0h
44h
C4h
48h
C8h
4Ch
CCh
50h
D0h
54h
D4h
58h
D8h
5Ch
DCh
60h
E0h
64h
E4h
68h
E8h
6Ch
ECh
70h
F0h
74h
F4h
78h
F8h
7Ch
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com