Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 168 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 168 Page - Intel Corporation

Back Button 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 250 page
background image
Registers
168
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Table 14-10. Function 6: Bring-up and Debug Registers
Register Bit Location
RESERVED
04h
SBFIBPGCTL
84h
10h
SBFIBRXMSK
90h
14h
SBFIBTXSHFT
94h
18h
SBFIBRXSHFT
98h
1Ch
SBFIBRXLNERR
9Ch
20h
SBFIBPATTBUF2
A0h
24h
SBFIBPATTBUF2EN
A4h
28h
A8h
2Ch
ACh
30h
SBFIBINIT
B0h
34h
SBIBISTMISC
B4h
38h
B8h
3Ch
BCh
40h
NBFIBPORTCTL
C0h
44h
NBFIBPGCTL
C4h
48h
NBFIBPATTBUF1
C8h
4Ch
NBFIBTXMSK
CCh
50h
NBFIBRXMSK
D0h
54h
NBFIBTXSHFT
D4h
58h
NBFIBRXSHFT
D8h
5Ch
NBFIBRXLNERR
DCh
60h
NBFIBPATTBUF2
E0h
64h
NBFIBPATTBUF2EN
E4h
68h
E8h
6Ch
ECh
70h
NBFIBINIT
F0h
74h
NBIBISTMISC
F4h
78h
F8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com