Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 169 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 169 Page - Intel Corporation

Back Button 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation 6402 Datasheet HTML 173Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
169
Registers
14.2
PCI Standard Header Identification Registers
(Function 0)
14.2.1
VID: Vendor Identification Register
This register identifies Intel as the manufacturer of the AMB.
14.2.2
DID: Device Identification Register
These registers combined with the vendor identification register uniquely identifies the
AMB Devices.
14.2.3
RID: Revision Identification Register
This register contains the revision number of the AMB.
Device:
NodeID
Function: 0
Offset:
00h
Bit
Attr
Default
Description
15:0
RO
8086h
Vendor Identification Number
The value assigned to Intel.
Device:
NodeID
Function: 0
Offset:
02h
Bit
Attr
Default
Description
15:0
RO
A620h
Device Identification Number
Identifies each function of the AMB
Device:
NodeID
Function: 0
Offset:
08h
Bit
Attr
Default
Description
7:0
RO
10h
Revision Identification Number: RID
“00h” = A0 stepping
“01h” = A1 stepping
“02h” = A2 stepping
“10h” = B0 stepping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com