Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 7 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 7 Page - Intel Corporation

Back Button Z560 Datasheet HTML 3Page - Intel Corporation Z560 Datasheet HTML 4Page - Intel Corporation Z560 Datasheet HTML 5Page - Intel Corporation Z560 Datasheet HTML 6Page - Intel Corporation Z560 Datasheet HTML 7Page - Intel Corporation Z560 Datasheet HTML 8Page - Intel Corporation Z560 Datasheet HTML 9Page - Intel Corporation Z560 Datasheet HTML 10Page - Intel Corporation Z560 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Introduction
Datasheet
7
1
Introduction
The Intel® Atom™ processor Z5xx series is built on a new 45-nanometer Hi-k low
power micro-architecture and 45 nm process technology—the first generation of low-
power IA-32 micro-architecture specially designed for the new class of Mobile Internet
Devices (MIDs). The Intel Atom processor Z5xx series supports the Intel® System
Controller Hub (Intel® SCH), a single-chip component designed for low-power
operation.
1.1
Abstract
This document contains electrical, mechanical, and thermal specifications for Intel
Atom processors Z560, Z550, Z540, Z530, Z520, Z515, Z510, and Z500.
Note: In this document, Intel Atom processor Z5xx series refers to the Intel Atom
processors Z560, Z550, Z540, Z530, Z520, Z515, Z510, and Z500.
Note: In this document, the Intel Atom processor Z5xx series is referred to as “processor”.
The Intel® System Controller Hub (Intel® SCH) is referred to as the “Intel® SCH”.
1.2
Major Features
The following list provides some of the key features on this processor:
•
New single-core processor for mobile devices offering enhanced performance
•
On die, primary 32-kB instructions cache and 24-kB write-back data cache
•
100-MHz and 133-MHz Source-Synchronous front side bus (FSB)
100 MHz: Intel Atom processor Z515, Z510, and Z500
133 MHz: Intel Atom processor Z560, Z550, Z540, Z530, and Z520.
•
Supports Hyper-Threading Technology 2-threads
•
On die 512-kB, 8-way L2 cache
•
Support for IA 32-bit architecture
•
Intel® Virtualization Technology (Intel® VT)
•
Intel® Streaming SIMD Extensions 2 and 3 (Intel® SSE2 and Intel® SSE3) and
Supplemental Streaming SIMD Extensions 3 (SSSE3) support
•
Supports new CMOS FSB signaling for reduced power
•
Micro-FCBGA8 packaging technologies
•
Thermal management support using TM1 and TM2
•
On die Digital Thermal Sensor (DTS) for thermal management support using
Thermal Monitor (TM1 and TM2)
•
FSB Lane Reversal for flexible routing
•
Supports C0/C1(e)/C2(e)/C4(e) power states
•
Intel Deep Power Down Technology (C6)
•
L2 Dynamic Cache Sizing
•
Advanced power management features including Enhanced Intel SpeedStep®
Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com