Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 38 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 38 Page - Intel Corporation

Back Button Z560 Datasheet HTML 34Page - Intel Corporation Z560 Datasheet HTML 35Page - Intel Corporation Z560 Datasheet HTML 36Page - Intel Corporation Z560 Datasheet HTML 37Page - Intel Corporation Z560 Datasheet HTML 38Page - Intel Corporation Z560 Datasheet HTML 39Page - Intel Corporation Z560 Datasheet HTML 40Page - Intel Corporation Z560 Datasheet HTML 41Page - Intel Corporation Z560 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Electrical Specifications
38
Datasheet
6.
VCC,BOOT tolerance is shown in Figure 6 and Figure 7.
7.
Based on simulations and averaged over the duration of any change in current.
Specified by design/characterization at nominal VCC. Not 100% tested.
8.
This is a power-up peak current specification, which is applicable when VCCP is high and
VCC_CORE is low.
9.
This is a steady-state ICC current specification, which is applicable when both VCCP and
VCC_CORE are high.
10. The VCC maximum supported by the process is 1.1 V but the parameter can change
(burn in voltage is higher).
11. Unless otherwise noted, all specifications in this table are based on estimates and
simulations or empirical data. These specifications will be updated with characterized
data from silicon measurements at a later date.
12. VCCP may be turned off during C6 power state—VCCPC6 must always be powered on to
1.05 V ±5% on all power states.
13. The VCC power supply needs to be set to 0.3 — 0.4 V during C6 power state.
14. VCCP (voltage rail which is turned off in C6, with SPLIT VTT Enabled) should ramp to
1.05 V while exiting C6 (Deep Power Down Technology State) at least 5 µs before
VCC_CORE ramps to LFM VID. In addition, VCCPC6 rail should remain at 1.05 (-5/+10%)
during VCCP ramp coming out of C6.
Table 9. Voltage and Current Specifications for the Intel® Atom™ Processor Z515
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes11
FSB
Frequency
BCLK Frequency
—
100.0
—
MHz
VCCBFM
V @ Burst Frequency Mode (BFM)
AVID
—
1.1
V
1, 2, 10
VCCHFM
V @ Highest Frequency Mode (HFM)
AVID
—
1.1
V
1, 2, 10
VCCLFM
V @ Lowest Frequency Mode (LFM)
0.75
—
AVID
V
1, 2
VCCBOOT
Default VCC Voltage for Initial Power Up
—
VCC LFM
—
V
2, 6
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCPC6
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPPWDN
V @ Deep Power Down Technology (C6)
0.30
0.35
0.40
V
13
VCCPRSLP
V @ Deeper Sleep (C4)
0.75
—
0.85
V
1, 2
ICCDES
I for Processors Recommended Design Target
(Estimated)
—
—
2.0
A
ICC
Processor
Number
Core Frequency/Voltage
—
—
—
—
—
Z515
BFM: 1.2 GHz
HFM: 0.8 GHz
LFM: 0.6 GHz
—
—
2.5
0.8
0.6
A
3, 4, 15
IAH,
ISGNT
BFM: 1.2 GHz @ AVID Volts
HFM: 0.8 GHz @ AVID Volts
LFM: 0.6 GHz @ AVID Volts
—
—
0.9
0.7
0.5
A
3, 4
IDPRSLP
ICC Deeper Sleep (C4)
—
—
0.11
A
@ 50°C
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com