Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 32 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 32 Page - Intel Corporation

Back Button Z560 Datasheet HTML 28Page - Intel Corporation Z560 Datasheet HTML 29Page - Intel Corporation Z560 Datasheet HTML 30Page - Intel Corporation Z560 Datasheet HTML 31Page - Intel Corporation Z560 Datasheet HTML 32Page - Intel Corporation Z560 Datasheet HTML 33Page - Intel Corporation Z560 Datasheet HTML 34Page - Intel Corporation Z560 Datasheet HTML 35Page - Intel Corporation Z560 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Electrical Specifications
32
Datasheet
Implementation of a source synchronous data bus determines the need to specify two
sets of timing parameters. One set is for common clock signals which are dependent
upon the rising edge of BCLK0 (ADS#, HIT#, HITM#, and so on.) and the second set
is for the source synchronous signals which are relative to their respective strobe lines
(data and address) as well as the rising edge of BCLK0. Asynchronous signals are still
present (A20M#, IGNNE#, and so on.) and can become active at any time during the
clock cycle. Table 5 identifies which signals are common clock, source synchronous,
and asynchronous.
Table 5. FSB Pin Groups
Signal Group
Type
Signals1
AGTL+ Common
Clock Input
Synchronous
to BCLK[1:0]
BPRI#, DEFER#, PREQ#4, RESET#, RS[2:0]#,
TRDY#, DPWR#
AGTL+ Common
Clock I/O
Synchronous
to BCLK[1:0]
ADS#, BNR#, BPM[3:0]#, BR0#, DBSY#, DRDY#,
HIT#, HITM#, LOCK#, PRDY#
CMOS Source
Synchronous I/O
Synchronous
to assoc.
strobe
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#
ADSTB0#
A[31:17]#
ADSTB1#
D[15:0]#
DSTBP0#, DSTBN0#
D[31:16]#
DSTBP1#, DSTBN1#
D[47:32]#
DSTBP2#, DSTBN2#
D[63:48]#
DSTBP3#, DSTBN3#
Strobes always use AGTL signaling—data pins are
CMOS only.
AGTL+ Strobes
Synchronous
to BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
CMOS Input
Asynchronous
DPRSTP#, DPSLP#, IGNNE#, INIT#, LINT0/INTR,
LINT1/ NMI, PWRGOOD, SMI#, SLP#, STPCLK#
Open Drain Output
Asynchronous
FERR#, THERMTRIP#, IERR#
Open Drain I/O
Asynchronous
PROCHOT#3
CMOS Output
Asynchronous
VID[6:0], BSEL[2:0]
CMOS Input
Synchronous
to TCK
TCK, TDI, TMS, TRST#
Open Drain Output
Synchronous
to TCK
TDO
FSB Clock
Clock
BCLK[1:0]
Power/Other
COMP[3:0], HFPLL, CMREF, GTLREF, /DCLK, /ADK,
THERMDA, THERMDC, VCC, VCCA, VCCP,
VCC_SENSE, VSS, VSS_SENSE, VCCFUSE, VCCPC6
NOTES:
1.
Refer to Chapter 4 for signal descriptions and termination requirements.
2.
In processor systems where there is no debug port implemented on the system board,
these signals are used to support a debug port interposer. In systems with the debug
port implemented on the system board, these signals are no connects.
3.
PROCHOT# signal type is open drain output and CMOS input.
4.
On die termination differs from other AGTL+ signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com