Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 4 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 4 Page - Intel Corporation

  Z560 Datasheet HTML 1Page - Intel Corporation Z560 Datasheet HTML 2Page - Intel Corporation Z560 Datasheet HTML 3Page - Intel Corporation Z560 Datasheet HTML 4Page - Intel Corporation Z560 Datasheet HTML 5Page - Intel Corporation Z560 Datasheet HTML 6Page - Intel Corporation Z560 Datasheet HTML 7Page - Intel Corporation Z560 Datasheet HTML 8Page - Intel Corporation Z560 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4
Datasheet
5.1.4
Out of Specification Detection ....................................................72
5.1.5
PROCHOT# Signal Pin ...............................................................72
Figures
Figure 1. Thread Low-Power States.....................................................................14
Figure 2. Package Low-Power States ...................................................................14
Figure 3. Deep Power Down Technology Entry Sequence .......................................20
Figure 4. Deep Power Down Technology Exit Sequence..........................................20
Figure 5. Exit Latency Table ...............................................................................21
Figure 6. Active Vcc and Icc Loadline.....................................................................40
Figure 7. Deeper Sleep VCC and ICC Loadline .........................................................41
Figure 8. Package Mechanical Drawing ................................................................48
Figure 9. Pinout Diagram (Top View, Left Side).....................................................49
Figure 10. Pinout Diagram (Top View, Right Side).................................................50
Tables
Table 1. References ..........................................................................................11
Table 2. Coordination of Thread Low-Power States at the Package/Core Level ..........15
Table 3. Voltage Identification Definition .............................................................29
Table 4. BSEL[2:0] Encoding for BCLK Frequency .................................................31
Table 5. FSB Pin Groups ....................................................................................32
Table 6. Processor Absolute Maximum Ratings .....................................................34
Table 7. Voltage and Current Specifications for the Intel® Atom™ Processor Z560,
Z550, Z540, Z530, Z520, and Z510 .......................................................35
Table 8. Voltage and Current Specifications for the Intel® Atom™ Processor Z500 ...37
Table 9. Voltage and Current Specifications for the Intel® Atom™ Processor Z515 ...38
Table 10. FSB Differential BCLK Specifications......................................................42
Table 11. AGTL+/CMOS Signal Group DC Specifications.........................................43
Table 12. Legacy CMOS Signal Group DC Specifications.........................................44
Table 13. Open Drain Signal Group DC Specifications ............................................44
Table 14. Pinout Arranged by Signal Name ..........................................................51
Table 15. Signal Description...............................................................................56
Table 16. Power Specifications for Intel® Atom™ Processors Z560, Z550, Z540,
Z530, Z520, and Z510 ........................................................................66
Table 17. Power Specifications for Intel® Atom™ Processors Z515 and Z500 ............67
Table 18. Thermal Diode Interface ......................................................................69
Table 19. Thermal Diode Parameters Using Transistor Model..................................69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com