Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 35 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 35 Page - Intel Corporation

Back Button Z560 Datasheet HTML 31Page - Intel Corporation Z560 Datasheet HTML 32Page - Intel Corporation Z560 Datasheet HTML 33Page - Intel Corporation Z560 Datasheet HTML 34Page - Intel Corporation Z560 Datasheet HTML 35Page - Intel Corporation Z560 Datasheet HTML 36Page - Intel Corporation Z560 Datasheet HTML 37Page - Intel Corporation Z560 Datasheet HTML 38Page - Intel Corporation Z560 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
Electrical Specifications
Datasheet
35
Table 7. Voltage and Current Specifications for the Intel® Atom™ Processor Z560,
Z550, Z540, Z530, Z520, and Z510
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes11
FSB
Frequency
BCLK Frequency
100.00
—
133.35
MHz
VCCHFM
VCC @ Highest Frequency Mode (HFM)
AVID
—
1.10
V
1, 2, 10
VCCLFM
VCC @ Lowest Frequency Mode (LFM)
0.8
—
AVID
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
—
VCCLFM
—
V
2, 6
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCPC6
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCA
PLL Supply voltage
1.425
1.5
1.575
V
VCCDPPWDN
VCC @ Deep Power Down Technology (C6)
0.30
0.35
0.40
V
13
VCCDPRSLP
VCC @ Deeper Sleep (C4)
0.75
—
1.0
V
1, 2
VCCF
Fuse Power Supply
1.00
1.05
1.10
V
ICCDES
ICC for Processors Recommended Design
Target (Estimated) for Z540, Z550, Z560
—
—
4.0
A
ICCDES
ICC for Processors Recommended Design
Target (Estimated) for Z530, Z520, Z510
—
—
3.5
A
ICC
Processor
Number
Core Frequency/Voltage
—
—
—
—
—
Z560
HFM: 2.13 GHz
LFM: 0.80 GHz
—
—
3.5
1.5
A
3, 4
Z550
HFM: 2.0 GHz
LFM: 0.80 GHz
—
—
3.5
1.5
A
3, 4
Z540
HFM: 1.86 GHz
LFM: 0.80 GHz
—
—
3.2
1.5
A
3, 4
Z530
Z520
Z510
HFM: 1.60 GHz
LFM: 0.80 GHz
HFM: 1.33 GHz
LFM: 0.80 GHz
HFM: 1.10 GHz
LFM: 0.60 GHz
—
—
2.50
1.25
2.50
1.25
2.50
1.25
A
3, 4
IAH,
ISGNT
ICC Auto-Halt and Stop-Grant
HFM: 1.1 – 2.0 GHz @ 1.10 Volts
LFM: 0.6 – 0.8 GHz @ 0.85 Volts
—
—
—
—
2.0
1.3
A
3, 4
IDPRSLP
ICC Deeper Sleep (C4)
—
—
0.2
A
At 50° C
3, 4
dICC/dt
VCC Power Supply Current Slew Rate at
Processor Package Pin (Estimated)
—
—
2.5
A/µs
5, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com