Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 41 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 41 Page - Intel Corporation

Back Button Z560 Datasheet HTML 37Page - Intel Corporation Z560 Datasheet HTML 38Page - Intel Corporation Z560 Datasheet HTML 39Page - Intel Corporation Z560 Datasheet HTML 40Page - Intel Corporation Z560 Datasheet HTML 41Page - Intel Corporation Z560 Datasheet HTML 42Page - Intel Corporation Z560 Datasheet HTML 43Page - Intel Corporation Z560 Datasheet HTML 44Page - Intel Corporation Z560 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Electrical Specifications
Datasheet
41
Figure 7. Deeper Sleep VCC and ICC Loadline
10 mV = Ripple for
PSI# Asserted
Slope = -5.7 mV/A at package
VCC_SENSE, VSS_SENSE pins.
Differential Remote Sense required.
VCC_CORE (V)
ICC_CORE (A)
VCC_CORE, DC Min
(Deeper Sleep)
VCC_CORE Min
(Deeper Sleep)
±VCC_CORE Tolerance
= VR ST Pt Error 1/
VCC_CORE Nom
(Deeper Sleep)
VCC_CORE Max
(Deeper Sleep)
VCC_CORE, DC Max
(Deeper Sleep)
ICC_CORE Max
(Deeper Sleep)
Note 1/ Deeper Sleep VCC_CORE Set Point Error Tolerance is per below:
Tolerance – PSI# Ripple
--------------------------------
± [(VID*1.5%) – 3 mV]
± (11.5 mV) – 3 mV]
± (25 mV) – 3 mV]
VCC_CORE VID Voltage Range
----------------------------------------
VCC_CORE > 0.7500 V
0.7500 V
≤ V
CC_CORE ≤ 0.5000 V
0.5000 V < VCC_CORE ≤ 0.4125 V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com