Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 47 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 47 Page - Intel Corporation

Back Button Z560 Datasheet HTML 43Page - Intel Corporation Z560 Datasheet HTML 44Page - Intel Corporation Z560 Datasheet HTML 45Page - Intel Corporation Z560 Datasheet HTML 46Page - Intel Corporation Z560 Datasheet HTML 47Page - Intel Corporation Z560 Datasheet HTML 48Page - Intel Corporation Z560 Datasheet HTML 49Page - Intel Corporation Z560 Datasheet HTML 50Page - Intel Corporation Z560 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Package Mechanical Specifications and Pin Information
Datasheet
47
4
Package Mechanical
Specifications and Pin
Information
This chapter describes the package specifications, pinout assignments, and signal
descriptions.
4.1
Package Mechanical Specifications
The processor will be available in 512 KB, 441 pins in FCBGA8 package. The package
dimensions are shown in Figure 8.
4.1.1
Processor Package Weight
The Intel Atom processor Z5xx series package weight is 0.475 g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com