Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 63 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 63 Page - Intel Corporation

Back Button Z560 Datasheet HTML 59Page - Intel Corporation Z560 Datasheet HTML 60Page - Intel Corporation Z560 Datasheet HTML 61Page - Intel Corporation Z560 Datasheet HTML 62Page - Intel Corporation Z560 Datasheet HTML 63Page - Intel Corporation Z560 Datasheet HTML 64Page - Intel Corporation Z560 Datasheet HTML 65Page - Intel Corporation Z560 Datasheet HTML 66Page - Intel Corporation Z560 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Package Mechanical Specifications and Pin Information
Datasheet
63
Signal Name
Type
Description
VID[6:0]
O
VID[6:0] (Voltage ID) pins are used to support automatic
selection of power supply voltages (VCC). Unlike some previous
generations of processors, these are CMOS signals that are
driven by the processor. The voltage supply for these pins must
be valid before the VR can supply VCC to the processor.
Conversely, the VR output must be disabled until the voltage
supply for the VID pins becomes valid. The VID pins are needed
to support the processor voltage specification variations. See
Table 3 for definitions of these pins. The VR must supply the
voltage that is requested by the pins, or disable itself.
VCCP
PWR
Processor I/O Power Supply which needs to remain on in Deep
Power Down Technology (C6) state.
VCCPC6
PWR
Processor I/O Power Supply which needs to remain on in Deep
Power Down Technology (C6) state.
VCC_SENSE
O
VCC_SENSE is an isolated low impedance connection to the
processor core power (VCC). It can be used to sense or measure
power near the silicon with little noise.
VSS_SENSE
O
VSS_SENSE is an isolated low impedance connection to
processor core VSS. It can be used to sense or measure ground
near the silicon with little noise.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com