Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 37 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 37 Page - Intel Corporation

Back Button Z560 Datasheet HTML 33Page - Intel Corporation Z560 Datasheet HTML 34Page - Intel Corporation Z560 Datasheet HTML 35Page - Intel Corporation Z560 Datasheet HTML 36Page - Intel Corporation Z560 Datasheet HTML 37Page - Intel Corporation Z560 Datasheet HTML 38Page - Intel Corporation Z560 Datasheet HTML 39Page - Intel Corporation Z560 Datasheet HTML 40Page - Intel Corporation Z560 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
Electrical Specifications
Datasheet
37
Table 8. Voltage and Current Specifications for the Intel® Atom™ Processor
Z500
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes11
FSB
Frequency
BCLK Frequency
—
100.0
-—
MHz
VCCHFM
VCC @ Highest Frequency Mode (HFM)
AVID
—
0.85
V
1, 2, 10
VCCLFM
VCC @ Lowest Frequency Mode (LFM)
0.75
—
AVID
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
—
VCCLFM
—
V
2, 6
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCPC6
AGTL+ Termination Voltage
1.00
1.05
1.15
V
12, 14
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPPWDN
VCC at Deep Power Down Technology (C6)
0.30
0.35
0.40
V
13
VCCDPRSLP
VCC at Deeper Sleep (C4)
0.75
—
0.85
V
1, 2
ICCDES
ICC for Processors Recommended Design Target
(Estimated)
—
—
2.0
A
ICC
Processor
Number
Core Frequency/Voltage
—
—
—
—
—
Z500
HFM: 0.8 GHz
LFM: 0.6 GHz
—
—
0.8
0.6
A
3, 4
IAH,
ISGNT
HFM: 0.8 GHz @ 0.85 Volts
LFM: 0.6 GHz @ 0.75 Volts
—
—
0.7
0.5
A
3, 4
IDPRSLP
ICC Deeper Sleep (C4)
—
—
0.11
A
At 50°C
3, 4
dICC/dt
VCC Power Supply Current Slew Rate at
Processor Package Pin (Estimated)
—
—
2.5
A/µs
5, 7
ICCA
ICC for VCCA Supply
—
—
130
mA
ICCP+ ICCPC6
ICCP + ICCPC6 before VCC Stable
—
—
2.5
A
8
ICCP+ ICCPC6
ICCP + ICCPC6 after VCC Stable
—
—
1.5
A
9
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value
(VID), which is set at manufacturing and cannot be altered. Individual maximum VID
values are calibrated during manufacturing such that two processors at the same
frequency may have different settings within the VID range. Note that this differs from
the VID employed by the processor during a power management event (Thermal
Monitor 2, Enhanced Intel SpeedStep technology, or Enhanced Halt State). Typical
AVID range is 0.75 V to 0.85 V.
2.
The voltage specifications are assumed to be measured across VCC_SENSE and
VSS_SENSE pins at socket with a 100-MHz bandwidth oscilloscope, 1.5-pF maximum
probe capacitance, and 1-MΩ minimum impedance. The maximum length of ground
wire on the probe should be less than 5 mm. Ensure external noise from the system is
not coupled in the scope probe.
3.
Specified at 90°C T
J.
4.
Specified at the nominal VCC.
5.
Measured at the bulk capacitors on the motherboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com