Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 34 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 34 Page - Intel Corporation

Back Button Z560 Datasheet HTML 30Page - Intel Corporation Z560 Datasheet HTML 31Page - Intel Corporation Z560 Datasheet HTML 32Page - Intel Corporation Z560 Datasheet HTML 33Page - Intel Corporation Z560 Datasheet HTML 34Page - Intel Corporation Z560 Datasheet HTML 35Page - Intel Corporation Z560 Datasheet HTML 36Page - Intel Corporation Z560 Datasheet HTML 37Page - Intel Corporation Z560 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Electrical Specifications
34
Datasheet
Table 6. Processor Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Notes1
TSTORAGE
Processor Storage Temperature
-40
85
°
C
2, 3, 4
V
CC, VCCP, VCCPC6
Any Processor Supply Voltage
with Respect to V
SS
-0.3
1.10
V
5
VCCA
PLL power supply
-0.3
1.575
V
VinAGTL+
AGTL+ Buffer DC Input Voltage
with Respect to V
SS
-0.1
1.10
V
VinAsynch_CMOS
CMOS Buffer DC Input Voltage
with Respect to V
SS
-0.1
1.10
V
NOTES:
1.
For functional operation, all processor electrical, signal quality, mechanical and thermal
specifications must be satisfied.
2.
Storage temperature is applicable to storage conditions only. In this scenario, the
processor must not receive a clock, and no lands can be connected to a voltage bias.
Storage within these limits will not affect the long term reliability of the device. For
functional operation, refer to the processor case temperature specifications.
3.
This rating applies to the processor and does not include any tray or packaging.
4.
Failure to adhere to this specification can affect the long term reliability of the
processor.
5.
The VCC maximum supported by the process is 1.2 V but the parameter can change
(burn in voltage is higher).
3.12
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core
(pads) unless noted otherwise. See Chapter 4 for the pin signal definitions and signal
pin assignments. Most of the signals on the FSB are in the AGTL+ signal group. The
DC specifications for these signals are listed in Table 11. DC specifications for the
CMOS group are listed in Table 12.
Table 11 through Table 13 list the DC specifications for the processor and are valid
only while meeting specifications for junction temperature, clock frequency, and input
voltages. The Highest Frequency Mode (HFM) and Lowest Frequency Mode (LFM) refer
to the highest and lowest core operating frequencies supported on the processor.
Active mode load line specifications apply in all states except in the Deep Sleep and
Deeper Sleep states. VCC,BOOT is the default voltage driven by the voltage regulator at
power up in order to set the VID values. Unless specified otherwise, all specifications
for the processor are at TJ = 90 °C. Care should be taken to read all notes associated
with each parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com