Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 43 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 43 Page - Intel Corporation

Back Button Z560 Datasheet HTML 39Page - Intel Corporation Z560 Datasheet HTML 40Page - Intel Corporation Z560 Datasheet HTML 41Page - Intel Corporation Z560 Datasheet HTML 42Page - Intel Corporation Z560 Datasheet HTML 43Page - Intel Corporation Z560 Datasheet HTML 44Page - Intel Corporation Z560 Datasheet HTML 45Page - Intel Corporation Z560 Datasheet HTML 46Page - Intel Corporation Z560 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
Electrical Specifications
Datasheet
43
Table 11. AGTL+/CMOS Signal Group DC Specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
12
VCCPC6
I/O Voltage for C6
1.00
1.05
1.10
V
12
GTLREF
GTL Reference Voltage
—
2/3 VCCP
—
V
6
CMREF
CMOS Reference Voltage
—
1/2 VCCP
—
V
6
RCOMP
Compensation Resistor
27.23
27.5
27.78
Ω
10
RODT
Termination Resistor
—
55
—
Ω
11
VIH
Input High Voltage
GTLREF+0.10
or
CMREF+0.10
VCCP
VCCP+0.10
V
3, 6
VIL
Input Low Voltage
-0.10
0
GTLREF–0.10
or
CMREF–0.10
V
2, 4
VOH
Output High Voltage
VCCP–0.10
VCCP
VCCP
V
6
R
TT
Termination Resistance
46 [SS]
46 [CC]
55
61 [SS]
64 [CC]
Ω
7, 13
RON (GTL
mode)
GTL Buffer on Resistance
21
25
29
Ω
5
RON (CMOS
mode)
CMOS Buffer on Resistance
42 [SS]
42 [CC]
50
55 [SS]
58 [CC]
Ω
5, 13
ILI
Input Leakage Current
—
—
±100
µA
8
Cpad
Pad Capacitance
1.8
2.1
2.75
pF
9
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor
frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be
interpreted as a logical low value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted
as a logical high value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must
comply with the signal quality specifications.
5.
This is the pull-down driver resistance. Measured at 0.31*VCCP. RON (minimum) =
0.4*RTT, RON (typical) = 0.455*RTT, RON (maximum) = 0.51*RTT. RTT typical value of
55 Ω is used for RON typical/minimum/maximum calculations.
6.
GTLREF and CMREF should be generated from VCCP with a 1% tolerance resistor
divider. The VCCP referred to in these specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver.
Measured at 0.31*VCCP. RTT is connected to VCCP on die.
8.
Specified with on die RTT and RON are turned off. Vin between 0 and VCCP.
9.
Cpad includes die capacitance only. No package parasitics are included.
10. There is an external resistor on the comp0 and comp2 pins.
11. On die termination resistance, measured at 0.33*VCCP.
12. VCCP=VCCPC6 during normal operation. When in C6 state, VCCP=0 V while
VCCPC6=1.05 V.
13. SS: source synchronous pins such as quad-pumped data bus and double-pumped
address bus which require a clock strobe. CC: Common clock pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com