Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 14 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 14 Page - Intel Corporation

Back Button Z560 Datasheet HTML 10Page - Intel Corporation Z560 Datasheet HTML 11Page - Intel Corporation Z560 Datasheet HTML 12Page - Intel Corporation Z560 Datasheet HTML 13Page - Intel Corporation Z560 Datasheet HTML 14Page - Intel Corporation Z560 Datasheet HTML 15Page - Intel Corporation Z560 Datasheet HTML 16Page - Intel Corporation Z560 Datasheet HTML 17Page - Intel Corporation Z560 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Low Power Features
14
Datasheet
Figure 1. Thread Low-Power States
C2
†
C0
Stop
Grant
Core state
break
P_LVL2 or
MWAIT(C2)
C1/
MWAIT
Core state
break
MWAIT(C1)
C1/Auto
Halt
Halt break
HLT instruction
C4
† /C6
Core State
break
P_LVL4 or
P_LVL6
ø
MWAIT(C4/C6)
STPCLK#
de-asserted
STPCLK#
asserted
STPCLK#
de-asserted
STPCLK#
asserted
STPCLK#
de-asserted
STPCLK#
asserted
halt break = A20M# transition, INIT#, INTR, NMI, PREQ#, RESET#, SMI#, or APIC interrupt
core state break = (halt break OR Monitor event) AND STPCLK# high (not asserted)
† — STPCLK# assertion and de-assertion have no effect if a core is in C2 or C4.
Ø — P_LVL6 read is issued once the L2 cache is reduced to zero.
Figure 2. Package Low-Power States
DPRSTP# de-asserted
DPRSTP# asserted
Snoop
serviced
Snoop
occurs
STPCLK# asserted
STPCLK# de-asserted
SLP# asserted
SLP# de-asserted
DPSLP# de-asserted
DPSLP# asserted
Stop
Grant
Snoop
Normal
Stop
Grant
Deep
Sleep††
Deeper
Sleep†
Sleep††
† — Deeper Sleep includes the C4 and C6 states
†† — Sleep and Deep Sleep are not states directly supported by the processor, but rather sub-states of Silverthorne’s C4/C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com