Electronic Components Datasheet Search
  English  ▼

X  

Z560 Datasheet(PDF) 44 Page - Intel Corporation

Part # Z560
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z560 Datasheet(HTML) 44 Page - Intel Corporation

Back Button Z560 Datasheet HTML 40Page - Intel Corporation Z560 Datasheet HTML 41Page - Intel Corporation Z560 Datasheet HTML 42Page - Intel Corporation Z560 Datasheet HTML 43Page - Intel Corporation Z560 Datasheet HTML 44Page - Intel Corporation Z560 Datasheet HTML 45Page - Intel Corporation Z560 Datasheet HTML 46Page - Intel Corporation Z560 Datasheet HTML 47Page - Intel Corporation Z560 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Electrical Specifications
44
Datasheet
Table 12. Legacy CMOS Signal Group DC Specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
8
VCCPC6
I/O Voltage for C6
1.00
1.05
1.10
V
8
VIH
Input High Voltage
0.7*VCCP
VCCP
VCCP+0.1
V
2
VIL
Input Low Voltage CMOS
-0.10
0.00
0.3*VCCP
V
2
VOH
Output High Voltage
0.9*VCCP
VCCP
VCCP+0.1
V
2
VOL
Output Low Voltage
-0.10
0
0.1*VCCP
V
2
IOH
Output High Current
1.5
—
4.1
mA
4
IOL
Output Low Current
1.5
—
4.1
mA
3
ILI
Input Leakage Current
—
—
± 100
µA
5
Cpad1
Pad Capacitance
1.6
2.1
2.55
pF
6
Cpad2
Pad Capacitance for CMOS
Input
0.95
1.2
1.45
7
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor
frequencies.
2.
The VCCP referred to in these specifications refers to instantaneous VCCP.
3.
Measured at 0.1*VCCP.
4.
Measured at 0.9*VCCP.
5.
For Vin between 0V and VCCP. Measured when the driver is tri-stated.
6.
Cpad1 includes die capacitance only for DPRSTP#, DPSLP#, PWRGOOD. No package
parasitics are included.
7.
Cpad2 includes die capacitance for all other CMOS input signals. No package parasitics
are included.
8.
VCCPC6 = VCCP during normal operation and a specific tolerance may be added for this
later.
Table 13. Open Drain Signal Group DC Specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes1
VOH
Output High Voltage
VCCP-–5%
VCCP
VCCP+5%
V
3
VOL
Output Low Voltage
0
—
0.20
V
IOL
Output Low Current
16
—
50
mA
2
I
LO
Output Leakage Current
—
—
±200
µA
4
Cpad
Pad Capacitance
1.9
2.2
2.45
pF
5
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor
frequencies.
2.
Measured at 0.2 V.
3.
VOH is determined by value of the external pull-up resistor to VCCP.
4.
For Vin between 0 V and VOH.
5.
Cpad includes die capacitance only. No package parasitics are included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com