Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 24Page - Infineon Technologies AG TLE4997 Datasheet HTML 25Page - Infineon Technologies AG TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG TLE4997 Datasheet HTML 30Page - Infineon Technologies AG TLE4997 Datasheet HTML 31Page - Infineon Technologies AG TLE4997 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TLE4997I
Temperature Compensation
Data Sheet
28
V 1.0, 2007-06
8.1
Parameter Calculation
The parameters TC1, TC2 and T0 may be calculated by:
Now the output VOUT for a given field BIN at a specific temperature can be roughly
calculated by:
BFSR is the full range magnetic field. It is dependent on the range setting (e.g 100 mT).
So is the nominal sensitivity of the Hall probe times the Gain factor set in the EEPROM.
STC is the temperature-dependent sensitivity factor calculated by the DSP.
STCHall is the temperature behavior of the Hall probe.
The pre-calibration at Infineon is performed such that the following condition is met:
Within the application, an additional factor
BIN(T) / BIN(T0) will be given due to the
magnetic system.
STC needs now to be modified to STCnew so that the following condition
is satisfied:
Therefore, the new sensitivity parameters
STCnew can be calculated from the
pre-calibrated setup
STC using the relation:
TC
1
TL
160
–
65536
----------------------
1000000
×
=
TC
2
TQ
128
–
8388608
-----------------------
1000000
×
=
T
0
16TR
48
–
=
V
OUT
B
IN
B
FSR
-------------
S
TC
×
S
TCHall
×
So VDD
×
×



V
OS
+
=
S
TC TJ
T
0
–
() S
TCHall TJ
()
×
1
≈
B
IN T
()
B
IN T0
()
--------------------
S
TCnew T
() S
TCHall T
()
×
×
S
TC T
() S
TCHall T
()
×
1
≈≈
B
IN T
()
B
IN T0
()
--------------------
S
TCnew T
()
×
S
TC T
()
≈
_TLE4997I_Data_Sheet.book Page 28 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com