Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG TLE4997 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TLE4997I
Signal Processing
Data Sheet
19
V 1.0, 2007-06
6.2
Gain Setting
The sensitivity is defined by the range and the gain setting. The output of the A/D
Converter is multiplied with the gain value.
The gain value can be calculated by
:
6.3
Offset Setting
The offset voltage corresponds to an output voltage with zero field at the sensor.
The offset value can be calculated by:
Table 8Gain
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
G
15
bit
Unsigned integer value
Gain range
Gain
- 4.0
3.9998
-
1)2)
1) For gain values between - 0.5 and + 0.5, the numeric accuracy decreases.
To obtain a flatter output curve, it is recommended to select a higher range setting.
2) A gain value of +1.0 corresponds to a typical 40 mV/mT sensitivity (100 mT range, not guaranteed). It is crucial
to do a final calibration of each IC within the application using the Gain/VOS value.
Gain quantization steps
∆Gain
244.14
ppm
Corresponds to 1/4096
Table 9
Offset
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
OS
15
bit
Unsigned integer value
Offset range
VOS
-400
399
%
VDD
1)
1) It is crucial to do a final calibration of each IC within the application using the Gain/V
OS value.
Offset quantization
steps
∆V
OS
1.22
mV
@
VDD = 5 V
generally VDD / 4095
Gain
G
16384
–
()
4096
------------------------------
=
V
OS
OS
16384
–
()
4096
---------------------------------
V
DD
×
=
_TLE4997I_Data_Sheet.book Page 19 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com