Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 12Page - Infineon Technologies AG TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
TLE4997I
Electrical and Magnetic Parameters
Data Sheet
16
V 1.0, 2007-06
Calculation of the Junction Temperature
The total power dissipation PTOT of the chip increases its temperature above the ambient
temperature.
The power multiplied with the total thermal resistance
RthJA (Junction to Ambient) leads
to the final junction temperature.
RthJA is the sum of the addition of the values of the two
components
Junction to Case and Case to Ambient.
RthJA = RthJC + RthCA
TJ = TA + ∆T
∆T = R
thJA x PTOT = RthJA x ( VDD x IDD + VOUT x IOUT )
IDD , IOUT > 0, if direction is into IC
Example (assuming no noticeable load on Vout):
–
VDD = 5 V
–
IDD = 10 mA
–
∆T = 219 [K/W] x (5 [V] x 0.01 [A] + 0 [VA]) = 11 K
For moulded sensors, the calculation with RthJC is more adequate.
Magnetic Parameters
Table 5
Magnetic Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.
max.
Sensitivity
S
± 12.5 -
± 300
mV/mT 1) 2)
1) Programmable in steps of 0.024%.
2) @ V
DD = 5 V and TJ = 25°C
Magnetic field range
MFR
± 50
± 1003)
3) This range is also used for temperature and offset pre-calibration of the IC.
± 200
mT
Programmable 4)
4) Depending on the Offset and Gain settings, the output may saturate at lower fields.
Integral nonlinearity
Inl
-15
-
15
mV
= ±
0.3% of V
DD
5)
5) Inl = V
out - Vout,lse with Vout,lse = least square error fit of Vout.
Valid in the range (5% of
VDD) < VOUT < (95% of VDD)
Magnetic offset
BOS
-500
-
500
µT
6) 7) 8)
6) In operating temperature range. More information, see “Operating Range” on Page 13.
7) For Sensitivity S > 25 mV / mT. For lower sensitivities, the zero field voltage drift is dominant.
8) Measured at ± 100 mT range.
Magnetic offset drift
∆B
OS
- 5
-
5
µT / °C Error band 7)
_TLE4997I_Data_Sheet.book Page 16 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com