Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG TLE4997 Datasheet HTML 30Page - Infineon Technologies AG TLE4997 Datasheet HTML 31Page - Infineon Technologies AG TLE4997 Datasheet HTML 32Page - Infineon Technologies AG TLE4997 Datasheet HTML 33Page - Infineon Technologies AG TLE4997 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
TLE4997I
Calibration
Data Sheet
30
V 1.0, 2007-06
9.1
Calibration Data Memory
When the MEMLOCK bits are programmed (two redundant bits), the memory contents
are frozen and may no longer be changed. Furthermore, the programming interface is
locked out and the chip remains in Application Mode only. This prevents accidental
programming due to environmental influences.
Figure 9
EEPROM Map
A matrix parity architecture allows the automatic correction of any single bit error. Each
row is protected by a row parity bit. The sum of bits set including this bit must be an odd
number (ODD PARITY). Each column is additionally protected by a column parity bit.
The sum of all the bits in the even positions (0, 2, etc.) of all lines must be an even
number (EVEN PARITY); the sum of all the bits in the odd positions (1,3, etc.) must be
an odd number (ODD PARITY). This mechanism of different parity calculations protects
against many block errors (such as erasing a full line or even the entire EEPROM).
When modifying the application bits (such as Gain, Offset, TC, etc.) the parity bits must
be updated. For the column bits, the pre-calibration area must be also read out and
considered for correct parity generation.
Note: A specific programming algorithm must be followed to ensure the data retention.
A separate detailed programming specification is available on request.
User-Calibration Bits
Pre-Calibration Bits
Column Parity Bits
_TLE4997I_Data_Sheet.book Page 30 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com