Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 3Page - Infineon Technologies AG TLE4997 Datasheet HTML 4Page - Infineon Technologies AG TLE4997 Datasheet HTML 5Page - Infineon Technologies AG TLE4997 Datasheet HTML 6Page - Infineon Technologies AG TLE4997 Datasheet HTML 7Page - Infineon Technologies AG TLE4997 Datasheet HTML 8Page - Infineon Technologies AG TLE4997 Datasheet HTML 9Page - Infineon Technologies AG TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Type
Marking
Ordering Code
Package
TLE4997I
4997I2
SP000248475
PG-SSO-3-10
TLE4997I
Programmable Linear Hall Sensor
for Industrial Use
Data Sheet
7
V 1.0, 2007-06
1
Overview
1.1
Features
• High linear and ratiometric push-pull rail-to-rail output
signal
• 20-bit Digital Signal Processing
• Digital temperature compensation
• 12-bit overall resolution
• Operates from -40°C up to 120°C
• Low drift of output signal over temperature and lifetime
• Programmable parameters stored in redundant EEPROM (single bit error correction):
– magnetic range and magnetic sensitivity (gain)
– zero field voltage (offset)
– bandwidth
– polarity of the output slope
– clamping option
– temperature coefficient for all common magnets
– memory lock
• Re-programmable until memory lock
• Single supply voltage 4.5 - 5.5 V (4 - 7 V in extended range)
• Continuous measurement ranges between -200 mT and +200 mT
• Slim 3-pin package (Green)
• Reverse polarity and overvoltage protection for all pins
• Output short circuit protection
• On-board diagnostics (wire breakage detection, undervoltage, overvoltage)
• Digital readout of internal temperature and magnetic field values in calibration mode.
• Individual programming and operation of multiple sensors with common power supply
• Two-point calibration of magnetic transfer function
• Precise calibration without iteration steps
• High immunity against mechanical stress, EMC, ESD
_TLE4997I_Data_Sheet.book Page 7 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com