Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 4Page - Infineon Technologies AG TLE4997 Datasheet HTML 5Page - Infineon Technologies AG TLE4997 Datasheet HTML 6Page - Infineon Technologies AG TLE4997 Datasheet HTML 7Page - Infineon Technologies AG TLE4997 Datasheet HTML 8Page - Infineon Technologies AG TLE4997 Datasheet HTML 9Page - Infineon Technologies AG TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG TLE4997 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TLE4997I
Overview
Data Sheet
8
V 1.0, 2007-06
1.2
Target Applications
• Robust replacement of potentiometers
– No mechanical abrasion
– Resistant to humidity, temperature, pollution and vibration
• Linear and angular position sensing
• High current sensing
1.3
Pin Configuration
Figure 1 shows the location of the Hall element in the chip and the distance between the
Hall probe and the surface of the package.
Figure 1
Pin Configuration and Hall Cell Location
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
VDD
Supply voltage / programming interface
2
GND
Ground
3
OUT
Output voltage / programming interface
1
Center of
Hall Probe
23
AEP03717
0.38 ±0.05
2.03 ±0.1
Hall-Probe
Branded Side
_TLE4997I_Data_Sheet.book Page 8 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com