Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 25Page - Infineon Technologies AG TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG TLE4997 Datasheet HTML 30Page - Infineon Technologies AG TLE4997 Datasheet HTML 31Page - Infineon Technologies AG TLE4997 Datasheet HTML 32Page - Infineon Technologies AG TLE4997 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TLE4997I
Calibration
Data Sheet
29
V 1.0, 2007-06
9Calibration
A special hardware interface to an external computing system and measurement
equipment is required for calibration of the sensor. All calibration and setup bits can be
written into a random access memory (RAM). This allows the EEPROM to remain
untouched during the entire calibration process. Therefore, this temporary setup (using
the RAM only) does not stress the EEPROM—and even allows a pre-verification1) of the
setup before programming—as the number of EEPROM programming cycles is limited
to provide a high data endurance.
The digital signal processing is completely deterministic. This allows a two point
calibration in one step without iterations. The two magnetic fields (here described as two
“positions” of an external magnetic circuitry) need to be applied only once. Furthermore,
a complete setup and calibration procedure can be performed requiring only one
EEPROM programming cycle at the end2).
After setting up the temperature coefficients, the calibrated Hall A/D Converter values of
both positions need to be read and the sensor output signals (using a DAC test mode)
need to be acquired for the corresponding end points. Using this data, the signal
processing parameters can be immediately calculated with a program running on the
external computing system.
Note: The calibration and programming process must be performed only at the
start of life of the device.
Note: Depending on the application and external instrumentation setup, the accuracy of
the 2 point calibration can be improved.
1) This feature is not required for a deterministic two-point setup to fulfill the specification.
2) Details and basic algorithms for this step are available on request.
Table 17
Calibration Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Temperature of sensor at
2 point calibration and
programming
tCAL
10
30
°C
2 point calibration
accuracy1)
1) Setup and validation performed at start of life.
∆V
CAL1
-0.5
0.5
% of VDD In both positions
_TLE4997I_Data_Sheet.book Page 29 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com