Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG TLE4997 Datasheet HTML 30Page - Infineon Technologies AG TLE4997 Datasheet HTML 31Page - Infineon Technologies AG TLE4997 Datasheet HTML 32Page - Infineon Technologies AG TLE4997 Datasheet HTML 33Page - Infineon Technologies AG TLE4997 Datasheet HTML 34Page - Infineon Technologies AG TLE4997 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
TLE4997I
Calibration
Data Sheet
31
V 1.0, 2007-06
9.2
Programming Interface
The supply pin and the output pin are used as two-wire interface to transmit the
EEPROM data to and from the sensor.
This allows
• communication with high data reliability
• bus-type connection of several sensors
In many applications, two sensors are used to measure the same parameter. This
redundancy allows the operation to continue in an emergency mode. If both sensors use
the same power supply lines, they can be programmed together in parallel.
The data transfer protocol and programming is described in a separate document. A
laboratory evaluation programmer for programming of the evaluation samples and
qualified samples is available on request.
Table 18
Programming Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Number of EEPROM
programming cycles
NPRG
-
8
Cycles
1)
1) 1 cycle is the simultaneous change of
≥ 1 bit. For experimental and evaluation purposes, the device may be
programmed more often, but then data retention is no longer guaranteed.
Programming allowed
only at start of lifetime
Ambient temperature at
programming
TPRG
10
30
°C
Programming time
tPRG
100
-
ms
For complete memory 2)
2) Depends on the clock frequency at V
DD.
Calibration memory
-
135
Bit
All active EEPROM bits
Error correction
-
25
Bit
All parity EEPROM bits
_TLE4997I_Data_Sheet.book Page 31 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com