Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG TLE4997 Datasheet HTML 12Page - Infineon Technologies AG TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TLE4997I
Electrical and Magnetic Parameters
Data Sheet
14
V 1.0, 2007-06
5
Electrical and Magnetic Parameters
Table 4
Electrical Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min. typ. max.
Output voltage range
VOUT
5
-
95
%
VDD
Supply current
IDD
3
7.5
10
mA
Also in extended VDD
range1), IOUT= 0mA
1) For V
OUT within the range of 5%... 95% of VDD
Output current @ OUT
shorted to supply lines
IOUTsh
-30
-
30
mA
For operating supply
voltage range only
Zero field voltage
VZERO
-100
100
%
Of
VDD
2)
2) Programmable in steps of 1.22 mV ( @ V
DD = 5V ).
Zero field voltage drift
∆V
ZERO
-0.5
-
0.5
%
VDD In lifetime
3)
3) For small sensitivity settings. For higher sensitivities, the magnetic offset drift is dominant.
This means that, for an example with a calibrated 60mV/mT sensitivity, the typical output drift
might be given due to the allowed magnetic offset tolerance up to ±0.5 mT x 60 mV/mT = ±30 mV @5 V VDD.
-0.5
-
0.5
%
VDD Over temperature
3)
Ratiometry error
ERAT
-0.25 -
+0.25 %
Of
VDD
4)5)
4) For 4.5 V
≤V
DD≤5.5 V and within nominal VOUT range; see “Ratiometry” on Page 15 for details on ERAT.
5) For the maximum error in the extended voltage range, see “Ratiometry” on Page 15.
Thermal resistance
RthJA
-
-
219
K/W
Junction to air
RthJC
-
-
47
K/W
Junction to case
Power on time
tPon
-
-
1
10
ms
∆ V
OUT ≤ ± 5% of VDD
∆ V
OUT ≤ ± 1% of VDD
Power On Reset level
VDDpon 2
-
4
V
Output DAC quantization
∆V
OUT
1.22
mV
@
VDD = 5 V
Output DAC resolution
-
12
bit
Output DAC bandwidth
fDAC
-
3.2
-
kHz
Interpolation filter 6)
6) More information, see “DAC Input Interpolation Filter” on Page 22.
Output noise
Vnoise
-
-
4.68
mVpp
5% exceeded 7)8)
7) 100 mT range, sensitivity 60 mV/mT, LP-filter 244 Hz, 160 Hz external RC low pass filter as application circuit.
8) ’5% exceeded’ means that 5 of 100 continuously measured V
OUT samples are out of limit.
Differential non-linearity
DNL
-1
-
1
LSB
Of output DAC
Signal delay
tDS
-
-
250
µs
@ 100 Hz 9)
9) A sinusoidal magnetic field is applied, V
OUT shows amplitude of 20% of VDD, no LP filter is selected.
_TLE4997I_Data_Sheet.book Page 14 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com