Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 7Page - Infineon Technologies AG TLE4997 Datasheet HTML 8Page - Infineon Technologies AG TLE4997 Datasheet HTML 9Page - Infineon Technologies AG TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG TLE4997 Datasheet HTML 12Page - Infineon Technologies AG TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TLE4997I
General
Data Sheet
11
V 1.0, 2007-06
2.4
Transfer Functions
The examples in Figure 3 show how easily different magnetic field ranges can be
mapped to the output voltage.
• Polarity Mode:
– Unipolar: Only North- or South-oriented magnetic fields are measured.
– Bipolar:
Magnetic fields can be measured in both orientations.
The limit points must not be symmetric to the zero field point.
• Inversion: The gain values can be set positive or negative.
Figure 3
Examples of Operation
Note: Due to the ratiometry, voltage drops at the VDD line are imaged in the output
signal.
0
5
50
5
100
-100
5
200
-200
VOUT (V)
VOUT
00
B (mT)
VOUT (V)
B (mT)
B (mT)
0
0
0
Example 1:
- Bipolar
Example 2:
- Unipolar
- Big offset
- Output for 3.3 V
Example 3:
- Bipolar
- Inverted (neg. gain)
_TLE4997I_Data_Sheet.book Page 11 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com