Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG TLE4997 Datasheet HTML 23Page - Infineon Technologies AG TLE4997 Datasheet HTML 24Page - Infineon Technologies AG TLE4997 Datasheet HTML 25Page - Infineon Technologies AG TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TLE4997I
Signal Processing
Data Sheet
23
V 1.0, 2007-06
6.6
Clamping
The clamping function is useful for splitting the output voltage into the operating range
and error ranges. If the magnetic field is outside the selected measurement range, the
output voltage
Vout is limited to the clamping values.
The clamping values are calculated by:
Clamping low voltage:
Clamping high voltage:
Note: For an exact setup, the register value may be re-adjusted due to the actual output
voltage in the clamping condition. The output voltage range itself has electrical
limits. See the Electrical Characteristics of Vout.
Table 12
Clamping
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
CL,CH
2 x 12
bit
Clamping voltage low
VCLL
0
100
%
VDD
1)
1) If clamping is set, it must be within the allowed output voltage range to be effective.
Clamping voltage high
VCLH
0
100
%
VDD
1)
Clamping quantization
steps
∆V
CLQ
1.22
mV
@
VDD = 5 V
Clamping voltage drift
∆V
CL
-0.5
0.5
%
VDD In lifetime
2)
2) Valid in the range (5% of V
DD) < VOUT < (95% of VDD)
-0.5
0.5
Over temperature2)
V
CLL
CL
4096
------------
V
DD
×
=
V
CLH
CH
4096
------------
V
DD
×
=
_TLE4997I_Data_Sheet.book Page 23 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com