Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
TLE4997I
Signal Processing
Data Sheet
17
V 1.0, 2007-06
6
Signal Processing
The flow diagram in Figure 5 shows the data processing algorithm.
Figure 5
Signal Processing Flow
Magnetic Field Path
• The analog output signal of the chopped Hall cell is converted in the continuous-time
A/D Converter. The range of the chopped A/D Converter can bet set in several steps
(see Table 6). This assures a suitable level for the A/D Converter.
• After the A/D conversion, a digital low pass filter reduces the bandwidth (Table 10).
• A multiplier amplifies the value according to the gain setting (see Table 8) plus
temperature compensation.
• The offset value is added (see Table 9).
• A limiter reduces the resulting signal to 12 bits and feeds the D/A converter.
Temperature Compensation
(Details are listed in Chapter 8)
• The output signal of the temperature cell is also A/D converted.
• The temperature is normalized by subtraction of the T0 value (zero point of the
quadratic function).
• The linear path is multiplied with the TC1 value.
D
A
A
D
X
Stored in
EEPROM
Memory
X
+
-T
0
+
TC
1
X
A
D
Temperature
Compensation
Hall
Sensor
Temperature
Sensor
Limiter
(Clamp)
out
1
X
Range
LP
LP
DAC
+
Offset
Gain
X
TC
2
_TLE4997I_Data_Sheet.book Page 17 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com