Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 8Page - Infineon Technologies AG TLE4997 Datasheet HTML 9Page - Infineon Technologies AG TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG TLE4997 Datasheet HTML 12Page - Infineon Technologies AG TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
TLE4997I
Maximum Ratings
Data Sheet
12
V 1.0, 2007-06
3
Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Furthermore, only
single error cases are assumed. More than one stress/error case may also
damage the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. During absolute maximum rating overload conditions (
VIN > VDD
or
VIN < VSS) the voltage on VDD pins with respect to ground (VSS) must not
exceed the values defined by the absolute maximum ratings.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
-40
150
°C
1)
1) For limited time only. Depends on customer temperature lifetime cycles. Please ask for support by Infineon.
Junction temperature
TJ
-40
150
°C
1)
Voltage on
VDD pins with
respect to ground (
VSS)
VDD
-16 2)
2) max 24 h @ -40°C
≤ T
J < 30°C
max 10 min. @ 30
°C ≤ T
J < 80°C
max 30 sec. @ 80
°C ≤ T
J < 120°C
16 3)
3) max. 24 h @ T
J < 80°C.
V
RTHja ≤ 150 K/W
Supply current
@ overvoltage
IDDov
-
52
mA
Supply current
@ reverse voltage
IDDrev
- 75
-
mA
Voltage on output pin with
respect to ground (
VSS)
VOUTov
-16 4)
4) Max. 1 ms @ T
J < 30°C; -8.5 V for 100 h @ TJ < 80°C.
16 3)
V
RTHja ≤ 150 K/W
Vout may be > VDD
Magnetic field
BMAX
-
unlimited
T
ESD protection
VESD
-
2.0
kV
According HBM
JESD22-A114-B 5)
5) 100 pF and 1.5 k
Ω
_TLE4997I_Data_Sheet.book Page 12 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com