Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG TLE4997 Datasheet HTML 23Page - Infineon Technologies AG TLE4997 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TLE4997I
Signal Processing
Data Sheet
20
V 1.0, 2007-06
6.4
DSP Input Low Pass Filter
A digital Low Pass Filter is placed between the Hall A/D Converter and the DSP to
reduce the noise level. The Low Pass filter has a constant DC amplification of 0 dB (this
is exactly a gain of 1), which means that its setting has no influence on the internal Hall
A/D Converter value.
The bandwidth can be set in 8 steps.
Note: In Range 7 (filter off), the output noise increases. Because of higher DSP load, the
current consumption also rises slightly.
Table 10
Low Pass Filter Setting
Parameter LP
0
1
2
3
4
5
6
7
Cutoff Frequency in Hz
(at 3dB attenuation)1)
1) As this is a digital filter running with an RC-based oscillator, the cutoff frequency may vary within ±30%.
78
244
421
615
826
1060 1320 off2)
2) The output low pass-interpolation filter behavior remains as a main component in the signal path.
Table 11
Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
LP
3
bit
Corner frequency
variation
∆ f
- 30
+ 30
%
_TLE4997I_Data_Sheet.book Page 20 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com