Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
106
Figure 28. Nexus output timing
Figure 29. Nexus TCK timing
8tTCYC
CC
D TCK Cycle Time3
100
—
ns
9
TDC
CC
D TCK Duty Cycle
40
60
%
10
tNTDIS, tNTMSS
CC
D TDI, TMS Data Setup Time
10
—
ns
11
tNTDIH, tNTMSH
CC
D TDI, TMS Data Hold Time
5
—
ns
12
tJOV
CC
D TCK Low to TDO Data Valid
0
40
ns
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is
measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified at VDD = 3.0 V to 5.5V,
TA = 40 to 105 °C, and CL = 50 pF (CL = 30 pF on MCKO), with SRC = 0b11.
2 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
3 The system clock frequency needs to be three times faster than the TCK frequency.
Table 56. Nexus debug port timing1 (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Max
1
2
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
3
TCK
8
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com