Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
108
Figure 31. TFT LCD interface timing overview1
3.20.3.1
Interface to TFT LCD panels—pixel level timings
Figure 32 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and data. All parameters
shown in the diagram are programmable. This timing diagram corresponds to positive polarity of the DCU_CLK signal
(meaning the data and sync signals change on the rising edge) and active-high polarity of the DCU_HSYNC, DCU_VSYNC
and DCU_DE signals. The user can select the polarity of the DCU_HSYNC and DCU_VSYNC signals via the SYN_POL
register, whether active-high or active-low. The default is active-high. The DCU_DE signal is always active-high.
Pixel clock inversion and a flexible programmable pixel clock delay are also supported. They are programmed via the DCU
Clock Confide Register (DCCR) in the system clock module.
The DELTA_X and DELTA_Y parameters are programmed via the DISP_SIZE register. The PW_H, BP_H and FP_H
parameters are programmed via the HSYN PARA register. The PW_V, BP_V and FP_V parameters are programmed via the
VSYN_PARA register.
1. In Figure 31, the “DCU_LD[23:0]” signal is an aggregation of the DCU’s RGB signals—DCU_R[0:7], DCU_G[0:7] and
DCU_B[0:7].
Table 57. LCD interface timing parameters—horizontal and vertical
Symbol
C
Parameter
Value
Unit
tPCP
CC
D Display pixel clock period
—
ns
tPWH
CC
D HSYNC pulse width
PW_H
 t
PCP
ns
tBPH
CC
D HSYNC back porch width
BP_H
 t
PCP
ns
tFPH
CC
D HSYNC front porch width
FP_H
 t
PCP
ns
tSW
CC
D Screen width
DELTA_X
 t
PCP
ns
tHSP
CC
D HSYNC (line) period
(PW_H + BP_H + FP_H + DELTA_X )
 t
PCP
ns
tPWV
CC
D VSYNC pulse width
PWV
t
HSP
ns
LINE 1
LINE 2
LINE 3
LINE 4
LINE n-1
LINE n
DCU_VSYNC
DCU_HSYNC
DCU_HSYNC
DCU_DE
DCU_CLK
DCU_LD[23:0]
2
13
m-1
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com