Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
111
Figure 35. IRQ and NMI timing
3.20.5
eMIOS timing
3.20.6
FlexCAN timing
The CAN functions are available as TX pins at normal IO pads and as RX pins at the always on domain. There is no filter for
the wakeup dominant pulse. Any high-to-low edge can cause wakeup if configured.
Table 59. IRQ and NMI timing
No.
Symbol
C
Parameter
Value
Unit
Min
Max
1tIPWL
CC
T
IRQ/NMI Pulse Width Low
200
—
ns
2tIPWH
CC
T
IRQ/NMI Pulse Width High
200
—
ns
3tICYC
CC
T
IRQ/NMI Edge to Edge Time1
1 Applies when IRQ/NMI pins are configured for rising edge or falling edge events, but not both.
400
—
ns
Table 60. eMIOS timing1
1 eMIOS timing specified at f
SYS = 64 MHz, VDD12 = 1.14 V to 1.32 V, VDDE_x = 3.0 V to 5.5 V, TA = 40 to 105 °C,
and CL = 50 pF with SRC = 0b00
No.
Symbol
C
Parameter
Value
Unit
Min2
2 There is no limitation on the peripheral for setting the minimum pulse width, the actual width is restricted by the pad
delays. Refer to the pad specification section for the details.
Max
1tMIPW
CC
D
eMIOS input pulse width
4
—
tCYC
2tMOPW
CC
D
eMIOS output pulse width
1
—
tCYC
1,2
3
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com