Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 14Page - NXP Semiconductors SE98ATP Datasheet HTML 15Page - NXP Semiconductors SE98ATP Datasheet HTML 16Page - NXP Semiconductors SE98ATP Datasheet HTML 17Page - NXP Semiconductors SE98ATP Datasheet HTML 18Page - NXP Semiconductors SE98ATP Datasheet HTML 19Page - NXP Semiconductors SE98ATP Datasheet HTML 20Page - NXP Semiconductors SE98ATP Datasheet HTML 21Page - NXP Semiconductors SE98ATP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
18 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
8.3 Configuration register (01h, 16-bit read/write)
Table 8.
Configuration register (address 01h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
HEN[1:0]
SHMD
Default
00
0000
00
Access
R
RRR
R
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
CTLB
AWLB
CEVNT
ESTAT
EOCTL
CVO
EP
EMD
Default
0
0000
000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 9.
Configuration register (address 01h) bit description
Bit
Symbol
Description
15:11
RFU
reserved for future use; must be ‘0’.
10:9
HEN
Hysteresis Enable
00 — Disable hysteresis (default)
01 — Enable hysteresis at 1.5
°C
10 — Enable hysteresis at 3
°C
11 — Enable hysteresis at 6
°C
When enabled, hysteresis is applied to temperature movement around trigger
points. For example, consider the behavior of the ‘Above Alarm Window’ bit
(bit 14 of the Temperature register) when the hysteresis is set to 3
°C. As the
temperature rises, bit 14 will be set to 1 (temperature is above the alarm
window) when the Temperature register contains a value that is greater than
the value in the Alarm Temperature Upper Boundary register. If the
temperature decreases, bit 14 will remain set until the measured temperature
is less than or equal to the value in the Alarm Temperature Upper Boundary
register minus 3
°C. (Refer to Figure 6 and Table 10).
Similarly, the ‘Below Alarm Window’ bit (bit 13 of the Temperature register) will
be set to 0 (temperature is equal to or above the Alarm Window Lower
Boundary Trip register) when the value in the Temperature register is equal to
or greater than the value in the Alarm Temperature Lower Boundary register.
As the temperature decreases, bit 13 will be set to 1 when the value in the
Temperature register is equal to or less than the value in the Alarm
Temperature Lower Boundary register minus 3
°C. Note that hysteresis is also
applied to EVENT pin functionality.
When either of the Critical Trip or Alarm Window lock bits is set, these bits
cannot be altered until unlocked.
8
SHMD
Shutdown Mode.
0 — Enabled Temperature Sensor (default)
1 — Disabled Temperature Sensor
When shut down, the thermal sensor diode and Analog-to-Digital Converter
(ADC) are disabled to save power, no events will be generated. When either of
the Critical Trip or Alarm Window lock bits is set, this bit cannot be set until
unlocked. However, it can be cleared at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com