Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 12Page - NXP Semiconductors SE98ATP Datasheet HTML 13Page - NXP Semiconductors SE98ATP Datasheet HTML 14Page - NXP Semiconductors SE98ATP Datasheet HTML 15Page - NXP Semiconductors SE98ATP Datasheet HTML 16Page - NXP Semiconductors SE98ATP Datasheet HTML 17Page - NXP Semiconductors SE98ATP Datasheet HTML 18Page - NXP Semiconductors SE98ATP Datasheet HTML 19Page - NXP Semiconductors SE98ATP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
16 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
8.
Register descriptions
8.1 Register overview
This section describes all the registers used in the SE98A. The registers are used for
latching the temperature reading, storing the low and high temperature limits, configuring,
the hysteresis threshold and the ADC, as well as reporting status. The device uses the
Pointer register to access these registers. Read registers, as the name implies, are used
for read only, and the write registers are for write only. Any attempt to read from a
write-only register will result in reading zeroes. Writing to a read-only register will have no
effect on the read even though the write command is acknowledged. The Pointer register
is an 8-bit register. All other registers are 16-bit.
A write to reserved registers my cause unexpected results which may result in requiring a
reset by removing and re-applying its power.
Table 5.
Register summary
Address
POR state
Register name
n/a
n/a
Pointer register
00h
0037h
Capability register (B grade = 0037h)
01h
0000h
Configuration register
02h
0000h
Upper Boundary Alarm Trip register
03h
0000h
Lower Boundary Alarm Trip register
04h
0000h
Critical Alarm Trip register
05h
n/a
Temperature register
06h
1131h
Manufacturer ID register
07h
A102h
Device ID/Revision register
08h to 21h
0000h
reserved registers
22h
0000h
SMBus register
23h to FFh
0000h
reserved registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com