Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 24Page - NXP Semiconductors SE98ATP Datasheet HTML 25Page - NXP Semiconductors SE98ATP Datasheet HTML 26Page - NXP Semiconductors SE98ATP Datasheet HTML 27Page - NXP Semiconductors SE98ATP Datasheet HTML 28Page - NXP Semiconductors SE98ATP Datasheet HTML 29Page - NXP Semiconductors SE98ATP Datasheet HTML 30Page - NXP Semiconductors SE98ATP Datasheet HTML 31Page - NXP Semiconductors SE98ATP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
28 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
9.1 SE98A in memory module application
Figure 15 shows the SE98A being placed in the memory module application with the
SPD. The SE98A is centered in the memory module to provide the function to monitor the
temperature of the DRAM. In the event of overheat, the SE98A triggers the EVENT output
and the memory controller can throttle the memory bus to slow the DRAM, or the CPU can
increase the refresh rate for the DRAM. The memory controller can also read the SE98A
and watch the DRAM thermal behavior.
9.2 Layout consideration
The SE98A does not require any additional components other than the host controller to
measure temperature. A 0.1
μF bypass capacitor between the V
DD and VSS pins is
located as close as possible to the power and ground pins for noise protection.
9.3 Thermal considerations
In general, self-heating is the result of power consumption and not a concern, especially
with the SE98A, which consumes very low power. In the event the SDA and EVENT pins
are heavily loaded with small pull-up resistor values, self-heating affects temperature
accuracy by approximately 0.5
°C.
Equation 1 is the formula to calculate the effect of self-heating:
(1)
where:
ΔT = T
j − Tamb
Tj = junction temperature
Tamb = ambient temperature
Rth(j-a) = package thermal resistance
VDD = supply voltage
IDD(AV) = average supply current
VOL(SDA) = LOW-level output voltage on pin SDA
VOL(EVENT) = LOW-level output voltage on pin EVENT
Fig 15. System application
002aad760
SE98A
EVENT
DIMM
DRAM
DRAM
DRAM
DRAM
MEMORY CONTROLLER
SMBus
CPU
SPD
SDA
SCL
ΔTR
th j-a
()
V
DD
I
DD AV
()
×
()
V
OL SDA
()
I
OL
k
sin
() SDA
()
×
()
V
OL EVENT
()
I
OL
k
sin
()EVENT
×
()
++
[
]
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com