Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 33Page - NXP Semiconductors SE98ATP Datasheet HTML 34Page - NXP Semiconductors SE98ATP Datasheet HTML 35Page - NXP Semiconductors SE98ATP Datasheet HTML 36Page - NXP Semiconductors SE98ATP Datasheet HTML 37Page - NXP Semiconductors SE98ATP Datasheet HTML 38Page - NXP Semiconductors SE98ATP Datasheet HTML 39Page - NXP Semiconductors SE98ATP Datasheet HTML 40Page - NXP Semiconductors SE98ATP Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
37 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
Fig 30. Package outline SOT1052-1 (HXSON8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT1052-1
MO-229
SOT1052-1
Note
1. Dimension A is including plating thickness. The package footprint is compatible with JEDEC MO229
DIMENSIONS (mm are the original dimensions)
HXSON8: plastic thermal enhanced extremely thin small outline package; no leads;
8 terminals; body 2 x 3 x 0.5 mm
UNIT
mm
max
nom
min
0.5
0.04
2.1
2.0
1.9
1.6
1.4
0.5
3.1
3.0
2.9
1.6
1.4
0.45
0.35
0.3
0.2
0.1
0.05
0.05
A(1)
A1
b
D
D1
E
E1
e
L
v
y
y1
0
1
2 mm
scale
terminal 1
index area
Dh
e
1/2 e
Eh
L
85
14
B
A
D
E
terminal 1
index area
X
B
A
b
v M
detail X
A
A1
C
y1
C
y
(8
×)
08-01-11
08-03-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com