Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 30Page - NXP Semiconductors SE98ATP Datasheet HTML 31Page - NXP Semiconductors SE98ATP Datasheet HTML 32Page - NXP Semiconductors SE98ATP Datasheet HTML 33Page - NXP Semiconductors SE98ATP Datasheet HTML 34Page - NXP Semiconductors SE98ATP Datasheet HTML 35Page - NXP Semiconductors SE98ATP Datasheet HTML 36Page - NXP Semiconductors SE98ATP Datasheet HTML 37Page - NXP Semiconductors SE98ATP Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
34 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
S = START condition
P = STOP condition
Fig 27. AC waveforms
002aae750
tLOW
SDA
P
S
tBUF
tHD;STA
tr
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;DAT
S
P
tSU;STO
VIH
VIL
VIH
VIL
SCL
SDA
SCL
tSU;STO
VIH
VIL
VIH
VIL
tW
STOP
condition
START
condition
tSU;STA
write cycle
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com