Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 7Page - NXP Semiconductors SE98ATP Datasheet HTML 8Page - NXP Semiconductors SE98ATP Datasheet HTML 9Page - NXP Semiconductors SE98ATP Datasheet HTML 10Page - NXP Semiconductors SE98ATP Datasheet HTML 11Page - NXP Semiconductors SE98ATP Datasheet HTML 12Page - NXP Semiconductors SE98ATP Datasheet HTML 13Page - NXP Semiconductors SE98ATP Datasheet HTML 14Page - NXP Semiconductors SE98ATP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
11 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
7.5 Power-up default condition
After power-on, the SE98A is initialized to the following default condition:
• Starts monitoring local sensor
• EVENT register is cleared—EVENT output is pulled HIGH by external pull-ups
• EVENT hysteresis is defaulted to 0 °C
• Command pointer is defaulted to ‘00h’
• Critical Temp, Alarm Temperature Upper and Lower Boundary Trip register are
defaulted to 0
°C
• Capability register is defaulted to ‘0037h’ for the B-grade and VHV capability
• Operational mode: comparator
• SMBus register is defaulted to ‘00h’
7.6 Device initialization
SE98A temperature sensors have programmable registers, which, upon power-up, default
to zero. The open-drain EVENT output is default to being disabled, comparator mode and
active LOW. The alarm trigger registers default to being unprotected. The configuration
registers, upper and lower alarm boundary registers and critical temperature window are
defaulted to zero and need to be programmed to the desired values. SMBus TIMEOUT
feature defaults to being enabled and can be programmed to disable. These registers are
required to be initialized before the device can properly function. Except for the SPD,
which does not have any programmable registers, and does not need to be initialized.
Table 4 shows the default values and the example value to be programmed to these
registers.
Table 4.
Registers to be initialized
Register
Default value
Example value
Description
01h
0000h
0209h
Configuration register
• hysteresis = 1.5 °C
• EVENT output = Interrupt mode
• EVENT output is enabled
02h
0000h
0550h
Upper Boundary Alarm Trip register = 85
°C
03h
0000h
1F40h
Lower Boundary Alarm Trip register =
−20 °C
04h
0000h
05F0h
Critical Alarm Trip register = 95
°C
22h
0000h
0000h
SMBus register = no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com