Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 28Page - NXP Semiconductors SE98ATP Datasheet HTML 29Page - NXP Semiconductors SE98ATP Datasheet HTML 30Page - NXP Semiconductors SE98ATP Datasheet HTML 31Page - NXP Semiconductors SE98ATP Datasheet HTML 32Page - NXP Semiconductors SE98ATP Datasheet HTML 33Page - NXP Semiconductors SE98ATP Datasheet HTML 34Page - NXP Semiconductors SE98ATP Datasheet HTML 35Page - NXP Semiconductors SE98ATP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
32 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
For temp sensor conversion.
From 25
°C (air) to 120 °C (oil bath).
(1) TSSOP8
(2) HWSON8
Fig 23. Average power-on threshold voltage
Fig 24. Package thermal response
VDD = 3.3 V + 150 mV (p-p); 0.1 μF AC coupling capacitor; no decoupling capacitor; Tamb =25 °C.
Fig 25. Temperature error versus power supply noise frequency
2.0
1.5
2.5
3.0
Vth
(V)
1.0
Tamb (°C)
−40
120
80
040
002aad889
40
80
120
thermal
response
(%)
0
time (s)
05
4
23
1
002aad891
(1)
(2)
noise frequency (Hz)
102
108
107
106
103
105
104
002aad892
1
3
5
temp error
(˚C)
−1
a. VI =0.3VDD; pins A0, A1, A2
b. VI =0.7VDD; pins A0, A1, A2
Fig 26. Typical pull-down current
Tamb (°C)
−50
125
002aae379
100
75
50
25
0
−25
VDD = 3.6 V
3.0 V
2.3 V
1.7 V
1.0
2.0
3.0
Ipd
(
μA)
0
Tamb (°C)
−50
125
002aae380
100
75
50
25
0
−25
VDD = 3.6 V
3.0 V
2.3 V
1.7 V
1.0
2.0
3.0
Ipd
(
μA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com