Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 8Page - NXP Semiconductors SE98ATP Datasheet HTML 9Page - NXP Semiconductors SE98ATP Datasheet HTML 10Page - NXP Semiconductors SE98ATP Datasheet HTML 11Page - NXP Semiconductors SE98ATP Datasheet HTML 12Page - NXP Semiconductors SE98ATP Datasheet HTML 13Page - NXP Semiconductors SE98ATP Datasheet HTML 14Page - NXP Semiconductors SE98ATP Datasheet HTML 15Page - NXP Semiconductors SE98ATP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
12 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
7.7 SMBus Time-out
The SE98A supports the SMBus time-out feature. If the host holds SCL LOW between
25 ms and 35 ms, the SE98A would reset its internal state machine to the bus idle state to
prevent the system bus hang-up. This feature is turned on by default. The SMBus time-out
is disabled by writing a logic 1 to bit 7 of register 22h.
Remark: When SMBus time-out is enabled, the I2C-bus minimum bus speed is limited by
the SMBus time-out timer, and goes down to only 10 kHz.
The SE98A has no SCL driver, so it cannot hold the SCL line LOW.
Remark: SMBus time-out works over the entire supply range of 1.7 V to 3.6 V unless
shutdown bit (SHMD) is set and turns off the oscillator.
7.8 SMBus ALERT
The SE98A supports SMBus ALERT when it is programmed for the Interrupt mode and
when the EVENT polarity bit is set to logic 0. The EVENT pin can be ANDed with other
EVENT or ALERT signals from other slave devices to signal their intention to
communicate with the host controller. When the host detects EVENT or ALERT signal
LOW, it issues an Alert Response Address (ARA) to which a slave device would respond
with its address. When there are multiple slave devices generating an ALERT the SE98A
performs bus arbitration. If it wins the bus, it responds to the ARA and then clears the
EVENT pin.
Remark: Either in comparator mode or when the SE98A crosses the critical temperature,
the host must also read the EVENT status bit and provide remedy to the situation by
bringing the temperature to within the alarm window or below the critical temperature if
that bit is set. Otherwise, the EVENT pin will not get de-asserted.
Remark: In the SE98A, the ARA is set to default ON. However, in the SE98B the ARA will
be set to default OFF since ARA is not anticipated to be used in DDR3 DIMM applications.
Fig 7.
How SE98A responds to SMBus ALERT
0
0
0
1
1
A2
Alert Response Address
1
1
0
0
S
0
0
0
START bit
read
acknowledge
002aab330
A1
A0
0
1
P
device address
not acknowledge
STOP bit
host NACK and
sends a STOP bit
Slave acknowledges and
sends its slave address.
The last bit of slave address
is hard coded '0'.
master sends a START bit,
ARA and a read command
host detects
SMBus ALERT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com