Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 24Page - NXP Semiconductors LPC1786 Datasheet HTML 25Page - NXP Semiconductors LPC1786 Datasheet HTML 26Page - NXP Semiconductors LPC1786 Datasheet HTML 27Page - NXP Semiconductors LPC1786 Datasheet HTML 28Page - NXP Semiconductors LPC1786 Datasheet HTML 29Page - NXP Semiconductors LPC1786 Datasheet HTML 30Page - NXP Semiconductors LPC1786 Datasheet HTML 31Page - NXP Semiconductors LPC1786 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
28 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P3[6]
23
J1
F4
16
[3]
I;
PU
I/O
P3[6] — General purpose digital input/output pin.
I/O
EMC_D[6] — External memory data line 6.
P3[7]
27
L1
G3
19
[3]
I;
PU
I/O
P3[7] — General purpose digital input/output pin.
I/O
EMC_D[7] — External memory data line 7.
P3[8]
191
D8
A6
-
[3]
I;
PU
I/O
P3[8] — General purpose digital input/output pin.
I/O
EMC_D[8] — External memory data line 8.
P3[9]
199
C5
A4
-
[3]
I;
PU
I/O
P3[9] — General purpose digital input/output pin.
I/O
EMC_D[9] — External memory data line 9.
P3[10]
205
B2
B3
-
[3]
I;
PU
I/O
P3[10] — General purpose digital input/output pin.
I/O
EMC_D[10] — External memory data line 10.
P3[11]
208
D5
B2
-
[3]
I;
PU
I/O
P3[11] — General purpose digital input/output pin.
I/O
EMC_D[11] — External memory data line 11.
P3[12]
1
D4
A1
-
[3]
I;
PU
I/O
P3[12] — General purpose digital input/output pin.
I/O
EMC_D[12] — External memory data line 12.
P3[13]
7
C1
C1
-
[3]
I;
PU
I/O
P3[13] — General purpose digital input/output pin.
I/O
EMC_D[13] — External memory data line 13.
P3[14]
21
H2
F1
-
[3]
I;
PU
I/O
P3[14] — General purpose digital input/output pin.
I/O
EMC_D[14] — External memory data line 14. On POR, this pin
serves as the BOOT0 pin.
P3[15]
28
M1
G4
-
[3]
I;
PU
I/O
P3[15] — General purpose digital input/output pin.
I/O
EMC_D[15] — External memory data line 15.
P3[16]
137
F17
-
-
[3]
I;
PU
I/O
P3[16] — General purpose digital input/output pin.
I/O
EMC_D[16] — External memory data line 16.
O
PWM0[1] — Pulse Width Modulator 0, output 1.
O
U1_TXD — Transmitter output for UART1.
P3[17]
143
F15
-
-
[3]
I;
PU
I/O
P3[17] — General purpose digital input/output pin.
I/O
EMC_D[17] — External memory data line 17.
O
PWM0[2] — Pulse Width Modulator 0, output 2.
I
U1_RXD — Receiver input for UART1.
P3[18]
151
C15
-
-
[3]
I;
PU
I/O
P3[18] — General purpose digital input/output pin.
I/O
EMC_D[18] — External memory data line 18.
O
PWM0[3] — Pulse Width Modulator 0, output 3.
I
U1_CTS — Clear to Send input for UART1.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com