Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 30Page - NXP Semiconductors LPC1786 Datasheet HTML 31Page - NXP Semiconductors LPC1786 Datasheet HTML 32Page - NXP Semiconductors LPC1786 Datasheet HTML 33Page - NXP Semiconductors LPC1786 Datasheet HTML 34Page - NXP Semiconductors LPC1786 Datasheet HTML 35Page - NXP Semiconductors LPC1786 Datasheet HTML 36Page - NXP Semiconductors LPC1786 Datasheet HTML 37Page - NXP Semiconductors LPC1786 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
34 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P5[3]
141
G14
G10
98
[11]
<tb
d>
I/O
P5[3] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I
U4_RXD — Receiver input for USART4.
I/O
I2C0_SCL — I2C0 clock input/output (this pin uses a
specialized I2C pad that supports I2C Fast Mode Plus.
P5[4]
206
C3
C4
143
[3]
I;
PU
I/O
P5[4] — General purpose digital input/output pin.
O
U0_OE — RS-485/EIA-485 output enable signal for UART0.
-
R — Function reserved.
O
T3_MAT3 — Match output for Timer 3, channel 3.
O
U4_TXD — Transmitter output for USART4 (input/output in
smart card mode).
JTAG_TDO
(SWO)
2D3
B1
1
[3]
O
JTAG_TDO (SWO) — Test Data Out for JTAG interface. Also
used as Serial wire trace output.
JTAG_TDI
4
C2
C3
3
[3]
I
JTAG_TDI — Test Data In for JTAG interface.
JTAG_TMS
(SWDIO)
6E3
C2
4
[3]
I
JTAG_TMS (SWDIO) — Test Mode Select for JTAG interface.
Also used as Serial wire debug data input/output.
JTAG_TRST
8D1
D4
5
[3]
I
JTAG_TRST — Test Reset for JTAG interface.
JTAG_TCK
(SWDCLK)
10
E2
D2
7
[3]
I
JTAG_TCK (SWDCLK) — Test Clock for JTAG interface. This
clock must be slower than 1 /6 of the CPU clock (CCLK) for the
JTAG interface to operate. Also used as serial wire clock.
RESET
35
M2
J1
24
[12]
I
External reset input. A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default states,
and processor execution to begin at address 0. This pin includes
a 20 ns input glitch filter.
RSTOUT
29
K3
H2
20
[3]
O
Reset status output. A LOW output on this pin indicates that the
device is in the reset state, for any reason. This reflects the
RESET input pin and all internal reset sources.
RTC_ALARM
37
N1
H5
26
[13]
O
RTC_ALARM — RTC controlled output. This is a 1.8 V pin. It
goes HIGH when a RTC alarm is generated.
RTCX1
34
K2
J2
23
[14]
[15]
I
Input to the RTC 32 kHz ultra-low power oscillator circuit.
RTCX2
36
L2
J3
25
[14]
[15]
O
Output from the RTC 32 kHz ultra-low power oscillator circuit.
USB_D
252
U1
N2
37
[9]
<tb
d>
I/O
USB_D
2 — USB port 2 bidirectional D line.
VBAT
38
M3
K1
27
I
RTC power supply: 3.3 V on this pin supplies power to the
RTC.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com