Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 10Page - NXP Semiconductors LPC1786 Datasheet HTML 11Page - NXP Semiconductors LPC1786 Datasheet HTML 12Page - NXP Semiconductors LPC1786 Datasheet HTML 13Page - NXP Semiconductors LPC1786 Datasheet HTML 14Page - NXP Semiconductors LPC1786 Datasheet HTML 15Page - NXP Semiconductors LPC1786 Datasheet HTML 16Page - NXP Semiconductors LPC1786 Datasheet HTML 17Page - NXP Semiconductors LPC1786 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
14 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P0[18]
124
K15
J13
86
[3]
I;
PU
I/O
P0[18] — General purpose digital input/output pin.
I
U1_DCD — Data Carrier Detect input for UART1.
I/O
SSP0_MOSI — Master Out Slave In for SSP0.
P0[19]
122
L17
J10
85
[3]
I;
PU
I/O
P0[19] — General purpose digital input/output pin.
I
U1_DSR — Data Set Ready input for UART1.
O
SD_CLK — Clock output line for SD card interface.
I/O
I2C1_SDA — I2C1 data input/output (this pin does not use a
specialized I2C pad).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[13] — LCD data.
P0[20]
120
M17
K14
83
[3]
I;
PU
I/O
P0[20] — General purpose digital input/output pin.
O
U1_DTR — Data Terminal Ready output for UART1. Can also
be configured to be an RS-485/EIA-485 output enable signal for
UART1.
I/O
SD_CMD — Command line for SD card interface.
I/O
I2C1_SCL — I2C1 clock input/output (this pin does not use a
specialized I2C pad).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[14] — LCD data.
P0[21]
118
M16
K11
82
[3]
I;
PU
I/O
P0[21] — General purpose digital input/output pin.
I
U1_RI — Ring Indicator input for UART1.
O
SD_PWR — Power Supply Enable for external SD card power
supply.
O
U4_OE — RS-485/EIA-485 output enable signal for UART4.
I
CAN_RD1 — CAN1 receiver input.
I/O
U4_SCLK — USART 4 clock input or output in synchronous
mode.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com