| Electronic Components Datasheet Search |
|
LPC1786 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1786 Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 11 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P0[5] 166 C12 B11 115 [3] I; PU I/O P0[5] — General purpose digital input/output pin. I/O I2S_RX_WS — I2S Receive word select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. O CAN_TD2 — CAN2 transmitter output. I T2_CAP1 — Capture input for Timer 2, channel 1. - R — Function reserved. - R — Function reserved. - R — Function reserved. O LCD_VD[1] — LCD data. P0[6] 164 D13 D11 113 [3] I; PU I/O P0[6] — General purpose digital input/output pin. I/O I2S_RX_SDA — I2S Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I/O SSP1_SSEL1 — Slave Select for SSP1. O T2_MAT0 — Match output for Timer 2, channel 0. O U1_RTS — Request to Send output for UART1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART1. - R — Function reserved. - R — Function reserved. O LCD_VD[8] — LCD data. P0[7] 162 C13 B12 112 [4] I; IA I/O P0[7] — General purpose digital input/output pin. I/O I2S_TX_SCK — I2S transmit clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. I/O SSP1_SCK — Serial Clock for SSP1. O T2_MAT1 — Match output for Timer 2, channel 1. I RTC_EV0 — Event input 0 to Event Monitor/Recorder. - R — Function reserved. - R — Function reserved. O LCD_VD[9] — LCD data. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |