Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 223 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 219Page - Texas Instruments AM3871 Datasheet HTML 220Page - Texas Instruments AM3871 Datasheet HTML 221Page - Texas Instruments AM3871 Datasheet HTML 222Page - Texas Instruments AM3871 Datasheet HTML 223Page - Texas Instruments AM3871 Datasheet HTML 224Page - Texas Instruments AM3871 Datasheet HTML 225Page - Texas Instruments AM3871 Datasheet HTML 226Page - Texas Instruments AM3871 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 345 page
background image
EMQAC[x]_RGTXC
(at DSP)
(A)
EMAC[x]_RGTXD[3:0]
(B)
EMAC[x]_RGTXCTL
(B)
5
1st Half-byte
TXERR
TXEN
2nd Half-byte
1
Internal RGTXC
RGTXC at DSP pins
4
4
2
3
1
2
6
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-24. Switching Characteristics Over Recommended Operating Conditions for EMAC RGMII
Transmit(1)
(see Figure 8-17)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
Internal delay enabled
1.2
ns
tsu(RGTXD-
Setup time, transmit selected signals valid before
5
RGTXCH)
EMAC[x]_RGTXC (at DSP) high/low
Internal delay disabled
-0.5
ns
Internal delay enabled
1.2
ns
th(RGTXCH-
Hold time, transmit selected signals valid after
6
RGTXD)
EMAC[x]_RGTXC (at DSP) high/low
Internal delay disabled
-0.5
ns
(1)
For RGMII, transmit selected signals include: EMAC[x]_RGTXD[3:0] and EMAC[x]_RGTXCTL.
A.
RGTXC is delayed internally before being driven to the EMAC[x]_RGTXC pin. The internal delay can be enabled or
disabled via the EMAC RGMII_ID_MODE_N register.
B.
Data and control information is transmitted using both edges of the clocks. EMAC[x]_RGTXD[3:0] carries data bits 3-0
on the rising edge of EMAC[x]_RGTXC and data bits 7-4 on the falling edge of EMAC[x]_RGTXC. Similarly,
EMAC[x]_RGTXCTL carries TXEN on rising edge of EMAC[x]_RGTXC and TXERR of falling edge of
EMAC[x]_RGTXC.
Figure 8-17. EMAC Transmit Interface Timing [RGMII Operation]
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
223
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com