Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 279 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 279 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 275Page - Texas Instruments AM3871 Datasheet HTML 276Page - Texas Instruments AM3871 Datasheet HTML 277Page - Texas Instruments AM3871 Datasheet HTML 278Page - Texas Instruments AM3871 Datasheet HTML 279Page - Texas Instruments AM3871 Datasheet HTML 280Page - Texas Instruments AM3871 Datasheet HTML 281Page - Texas Instruments AM3871 Datasheet HTML 282Page - Texas Instruments AM3871 Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 345 page
background image
DDR[0] Keep Out Region
Encompasses Entire DDR[0] Routing Area
DDR3 Controllers
DDR[1] Keep Out Region
Encompasses Entire DDR[1] Routing Area
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-67. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X1(1)(2)(3)
1000
Mils
2
X2(1)(2)
600
Mils
3
Y Offset(1)(2)(3)
1500
Mils
4
DDR3 keepout region
5
Clearance from non-DDR3 signal to DDR3 keepout region(4)(5)(6)
4
w
(1)
For dimension definitions, see Figure 8-58.
(2)
Measurements from center of MPU to center of DDR3 device.
(3)
Minimizing X1 and Y improves timing margins.
(4)
w is defined as the signal trace width.
(5)
Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane.
(6)
Note that DDR3 signals from one DDR3 controller are considered non-DDR3 to the other controller. In other words, keep the two DDR3
interfaces separated by this specification.
8.13.1.2.7 DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 8-59. The size of this region varies with the
placement and DDR routing. Additional clearances required for the keepout region are shown in
Table 8-67. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout
region. Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from
the DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in
this region. In addition, the 1.5-V DDR3 power plane should cover the entire keepout region. Also note
that the two DDR3 controller's signals should be separated from each other by the specification in
Table 8-67, item 5.
Figure 8-59. DDR3 Keepout Region
8.13.1.2.8 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry.
Table 8-68 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the DDR3 controllers and DDR3 device(s). Additional bulk
bypass capacitance may be needed for other circuitry. Also note that Table 8-68 is per DDR3 controller;
thus, systems using both controllers have to meet the needs of Table 8-68 twice, once for each controller.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
279
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com